Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1086 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1086
Description  150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1086 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1086 Datasheet HTML 1Page - Maxim Integrated Products MAX1086 Datasheet HTML 2Page - Maxim Integrated Products MAX1086 Datasheet HTML 3Page - Maxim Integrated Products MAX1086 Datasheet HTML 4Page - Maxim Integrated Products MAX1086 Datasheet HTML 5Page - Maxim Integrated Products MAX1086 Datasheet HTML 6Page - Maxim Integrated Products MAX1086 Datasheet HTML 7Page - Maxim Integrated Products MAX1086 Datasheet HTML 8Page - Maxim Integrated Products MAX1086 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
150ksps, 10-Bit, 2-Channel Single-Ended, and
1-Channel True-Differential ADCs in SOT23
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS (Figures 1 and 2)
(VDD = +2.7V to +3.6V, VREF = +2.5V for MAX1087/MAX1089, or VDD = +4.75V to +5.25V, VREF = +4.096V for MAX1086/MAX1088,
0.1µF capacitor at REF, fSCLK = 8MHz (50% duty cycle); AIN- = GND for MAX1088/MAX1089. TA = TMIN to TMAX, unless otherwise
noted. Typical values at TA = +25°C.)
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Pulse Width High
tCH
38
ns
SCLK Pulse Width Low
tCL
38
ns
SCLK Fall to DOUT Transition
tDOT
CLOAD = 30pF
60
ns
SCLK Rise to DOUT Disable
tDOD
CLOAD = 30pF
100
500
ns
CNVST Rise to DOUT Enable
tDOE
CLOAD = 30pF
80
ns
CNVST Fall to MSB Valid
tDOV
CLOAD = 30pF
3.7
µs
CNVST Pulse Width
tCSW
30
ns
Note 1: Unipolar input.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after offset and gain errors have
been removed.
Note 3: Offset nulled.
Note 4: The absolute input range for the analog inputs is from GND to VDD.
• • •
• • •
• • •
CNVST
SCLK
DOUT
tDOE
HIGH-Z
HIGH-Z
tCSW
tDOT
tCL
tCH
tDOD
DOUT
6k
6k
CL
GND
DOUT
CL
GND
VDD
a) HIGH -Z TO VOH, VOL TO VOH, AND VOH TO HIGH -Z
a) HIGH -Z TO VOL, VOH TO VOL, AND VOL TO HIGH -Z
Figure 1. Detailed Serial-Interface Timing Sequence
Figure 2. Load Circuits for Enable/Disable Times


Similar Part No. - MAX1086

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1086EKA-T MAXIM-MAX1086EKA-T Datasheet
458Kb / 17P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
MAX1086EKA-T MAXIM-MAX1086EKA-T Datasheet
267Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
MAX1086ETA+T MAXIM-MAX1086ETA+T Datasheet
267Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
MAX1086 MAXIM-MAX1086_07 Datasheet
458Kb / 17P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
MAX1086 MAXIM-MAX1086_V01 Datasheet
267Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
More results

Similar Description - MAX1086

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086_07 Datasheet
458Kb / 17P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
MAX1086 MAXIM-MAX1086_V01 Datasheet
267Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
MAX1286 MAXIM-MAX1286 Datasheet
241Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-2231; Rev 0; 10/01
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
   150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Maxim Integrated Produc...
MAX1392 MAXIM-MAX1392 Datasheet
877Kb / 19P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 0; 5/05
MAX1392 MAXIM-MAX1392_09 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
logo
Linear Technology
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com