Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGP4266PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGP4266PBF
Description  Insulated Gate Bipolar Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4266PBF Datasheet(HTML) 2 Page - International Rectifier

  IRGP4266PBF_15 Datasheet HTML 1Page - International Rectifier IRGP4266PBF_15 Datasheet HTML 2Page - International Rectifier IRGP4266PBF_15 Datasheet HTML 3Page - International Rectifier IRGP4266PBF_15 Datasheet HTML 4Page - International Rectifier IRGP4266PBF_15 Datasheet HTML 5Page - International Rectifier IRGP4266PBF_15 Datasheet HTML 6Page - International Rectifier IRGP4266PBF_15 Datasheet HTML 7Page - International Rectifier IRGP4266PBF_15 Datasheet HTML 8Page - International Rectifier IRGP4266PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 
IRGP4266PbF/IRGP4266-EPbF
2
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
August 22, 2014
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
650
V
VGE = 0V, IC = 100µA 
V(BR)CES/TJ Temperature Coeff. of Breakdown Voltage
570
mV/°C VGE = 0V, IC = 1.0mA (25°C-175°C)
VCE(on)
Collector-to-Emitter Saturation Voltage
1.7
2.1
V
IC = 75A, VGE = 15V, TJ = 25°C
2.1
IC = 75A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
5.5
7.7
V
VCE = VGE, IC = 2.1mA
VGE(th)/TJ Threshold Voltage temp. coefficient
-22
mV/°C VCE=VGE, IC = 2.1mA (25°C - 175°C)
gfe
Forward Transconductance
43
S
VCE = 50V, IC = 75A, PW = 20µs
ICES
Collector-to-Emitter Leakage Current
1.0
25
µA
VGE = 0V, VCE = 650V
1.1
VGE = 0V, VCE = 650V, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
140
210
IC = 75A
Qge
Gate-to-Emitter Charge (turn-on)
40
60
nC
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
60
90
 
VCC = 400V
Eon
Turn-On Switching Loss
3.2
4.2
Eoff
Turn-Off Switching Loss
1.7
2.6
mJ
IC = 75A, VCC = 400V, VGE = 15V
Etotal
Total Switching Loss
4.9
6.8
RG = 10, L = 200µH, TJ = 25°C
td(on)
Turn-On delay time
80
95
Energy losses include tail & diode
tr
Rise time
85
105
ns
reverse recovery 
td(off)
Turn-Off delay time
200
220
tf
Fall time
40
55
Eon
Turn-On Switching Loss
4.6
Eoff
Turn-Off Switching Loss
2.4
mJ
IC = 75A, VCC = 400V, VGE=15V
Etotal
Total Switching Loss
7.0
RG=10, L=200µH,TJ = 175°C
td(on)
Turn-On delay time
60
Energy losses include tail & diode
tr
Rise time
95
ns
reverse recovery 
td(off)
Turn-Off delay time
205
tf
Fall time
60
Cies
Input Capacitance
4300
VGE = 0V
Coes
Output Capacitance
230
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
120
f = 1.0Mhz
TJ = 175°C, IC = 300A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 520V, Vp ≤ 650V
Rg = 50
, VGE = +20V to 0V
SCSOA
Short Circuit Safe Operating Area
5.5
µs
TJ = 150°C,VCC = 400V, Vp ≤600V
Rg = 50
, VGE = +15V to 0V
  
 
mA
Notes:
VCC = 80% (VCES), VGE = 20V, L = 50µH, RG = 50.
Ris measured at TJ of approximately 90°C.
Refer to AN-1086 for guidelines for measuring V(BR)CES safely.
Maximum limits are based on statistical sample size characterization.
Pulse width limited by max. junction temperature.
Values influenced by parasitic L and C in measurement.


Similar Part No. - IRGP4266PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4266PBF IRF-IRGP4266PBF Datasheet
896Kb / 11P
   Insulated Gate Bipolar Transistor
More results

Similar Description - IRGP4266PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com