Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1084 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX1084
Description  400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1084 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1084 Datasheet HTML 2Page - Maxim Integrated Products MAX1084 Datasheet HTML 3Page - Maxim Integrated Products MAX1084 Datasheet HTML 4Page - Maxim Integrated Products MAX1084 Datasheet HTML 5Page - Maxim Integrated Products MAX1084 Datasheet HTML 6Page - Maxim Integrated Products MAX1084 Datasheet HTML 7Page - Maxim Integrated Products MAX1084 Datasheet HTML 8Page - Maxim Integrated Products MAX1084 Datasheet HTML 9Page - Maxim Integrated Products MAX1084 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
400ksps/300ksps, Single-Supply, Low-Power,
Serial 10-Bit ADCs with Internal Reference
6
_______________________________________________________________________________________
-0.10
-0.04
-0.06
-0.08
-0.02
0
0.02
0.04
0.06
0.08
0.10
0
400
200
600
800
1000
1200
INTEGRAL NONLINEARLITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
-0.15
-0.05
-0.10
0.05
0
0.10
0.15
0
400
600
200
800
1000
1200
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
-0.25
0
0.25
0.50
2.5
4.0
4.5
3.0
3.5
5.0
5.5
6.0
OFFSET ERROR vs. SUPPLY VOLTAGE
VDD (V)
0
0.10
0.05
0.25
0.20
0.15
0.40
0.35
0.30
0.45
-40
0
20
-20
40
60
80
100
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (°C)
-0.25
-0.10
-0.15
-0.20
-0.05
0
0.05
0.10
0.15
0.20
0.25
2.5
3.5
3.0
4.0
4.5
5.0
5.5
GAIN ERROR vs. SUPPLY VOLTAGE
VDD (V)
-0.50
-0.25
0
0.25
-40
0
20
-20
40
60
80
100
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (°C)
Typical Operating Characteristics
(MAX1084: VDD = +5.0V, fSCLK = 6.4MHz; MAX1055: VDD = +3.0V, fSCLK = 4.8MHz; CLOAD = 20pF, 4.7µF capacitor at REF,
TA = +25°C, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MAX1080 300ksps/400ksps Single-Supply Low-Power 8-Channel Serial 10-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1078 1.8Msps Single-Supply Low-Power True-Differential 10-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1082 300ksps/400ksps Single-Supply 4-Channel Serial 10-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1280 400ksps/300ksps Single-Supply Low-Power 8-Channel Serial 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1284-MAX1285 400ksps/300ksps Single-Supply Low-Power Serial 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1276 1.8Msps Single-Supply Low-Power True-Differential 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1282 300ksps/400ksps Single-Supply 4-Channel Serial 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1277 1.5Msps Single-Supply Low-Power True-Differential 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1180 Dual 10-Bit 105Msps +3.3V Low-Power ADC with Internal Reference and Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
TDA8763 10-bit high-speed low-power ADC with internal reference regulator 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn