Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1084 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX1084
Description  400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1084 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1084 Datasheet HTML 1Page - Maxim Integrated Products MAX1084 Datasheet HTML 2Page - Maxim Integrated Products MAX1084 Datasheet HTML 3Page - Maxim Integrated Products MAX1084 Datasheet HTML 4Page - Maxim Integrated Products MAX1084 Datasheet HTML 5Page - Maxim Integrated Products MAX1084 Datasheet HTML 6Page - Maxim Integrated Products MAX1084 Datasheet HTML 7Page - Maxim Integrated Products MAX1084 Datasheet HTML 8Page - Maxim Integrated Products MAX1084 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
400ksps/300ksps, Single-Supply, Low-Power,
Serial 10-Bit ADCs with Internal Reference
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX1084 (continued)
(VDD = +4.5V to +5.5V, fSCLK = 6.4MHz, 50% duty cycle, 16 clocks/conversion cycle (400ksps), 4.7µF capacitor at REF, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CS = 5V
CS = 5V
ISOURCE = 1mA
ISINK = 5mA
VIN = 0 or VDD
0 to 1.0mA output load
TA = +25°C
V
4.5
5.5
VDD
Positive Supply Voltage (Note 6)
pF
15
COUT
Three-State Output Capacitance
µA
±10
IL
Three-State Leakage Current
V
4
VOH
Output Voltage High
V
0.4
VOL
Output Voltage Low
pF
15
CIN
Input Capacitance
µA
±1
IIN
Input Leakage
V
0.2
VHYST
Input Hysteresis
V
0.8
VINL
Input Low Voltage
V
3.0
VINH
Input High Voltage
µF
4.7
10
Capacitive Bypass at REF
mV/mA
0.1
2.0
Load Regulation (Note 5)
V
2.48
2.50
2.52
VREF
REF Output Voltage
mA
30
REF Short-Circuit Current
ppm/°C
±15
TC VREF
REF Output Tempco
VDD = 5V ±10%, midscale input
SCLK = VDD, SHDN = GND
VDD = 5.5V
mV
±0.5
±2.0
PSR
Power-Supply Rejection
µA
210
ISHDN
Shutdown Supply Current
mA
2.5
4.0
IDD
Positive Supply Current (Note 7)
ELECTRICAL CHARACTERISTICS—MAX1085
(VDD = +2.7V to +3.6V, fSCLK = 4.8MHz, 50% duty cycle, 16 clocks/conversion cycle (300ksps), 4.7µF capacitor at REF, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
MAX1085A
MAX1085B
No missing codes over temperature
CONDITIONS
LSB
±0.5
INL
Relative Accuracy (Note 2)
Bits
10
Resolution
ppm/°C
±1.6
Gain-Error Temperature
Coefficient
LSB
±3.0
Gain Error (Note 3)
±1.0
LSB
±1.0
DNL
Differential Nonlinearity
LSB
±3.0
Offset Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DC ACCURACY (Note 1)
INTERNAL REFERENCE
DIGITAL INPUTS (SCLK, CS, SHDN)
DIGITAL OUTPUT (DOUT)
POWER SUPPLY


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MAX1080 300ksps/400ksps Single-Supply Low-Power 8-Channel Serial 10-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1078 1.8Msps Single-Supply Low-Power True-Differential 10-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1082 300ksps/400ksps Single-Supply 4-Channel Serial 10-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1280 400ksps/300ksps Single-Supply Low-Power 8-Channel Serial 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1284-MAX1285 400ksps/300ksps Single-Supply Low-Power Serial 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1276 1.8Msps Single-Supply Low-Power True-Differential 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1282 300ksps/400ksps Single-Supply 4-Channel Serial 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1277 1.5Msps Single-Supply Low-Power True-Differential 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1180 Dual 10-Bit 105Msps +3.3V Low-Power ADC with Internal Reference and Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
TDA8763 10-bit high-speed low-power ADC with internal reference regulator 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn