Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1084 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part No. MAX1084
Description  400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1084 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1084 Datasheet HTML 8Page - Maxim Integrated Products MAX1084 Datasheet HTML 9Page - Maxim Integrated Products MAX1084 Datasheet HTML 10Page - Maxim Integrated Products MAX1084 Datasheet HTML 11Page - Maxim Integrated Products MAX1084 Datasheet HTML 12Page - Maxim Integrated Products MAX1084 Datasheet HTML 13Page - Maxim Integrated Products MAX1084 Datasheet HTML 14Page - Maxim Integrated Products MAX1084 Datasheet HTML 15Page - Maxim Integrated Products MAX1084 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
400ksps/300ksps, Single-Supply, Low-Power,
Serial 10-Bit ADCs with Internal Reference
______________________________________________________________________________________
13
ground point) at GND, separate from the logic ground.
Connect all other analog grounds and GND to this star
ground point for further noise reduction. No other digital
system ground should be connected to this single-point
analog ground. The ground return to the power supply for
this ground should be low impedance and as short as
possible for noise-free operation.
High-frequency noise in the VDD power supply may affect
the ADC’s high-speed comparator. Bypass this supply to
the single-point analog ground with 0.1µF and 10µF
bypass capacitors. Minimize capacitor lead lengths for
best supply-noise rejection. To reduce the effect of sup-
ply noise, a 10
Ω resistor can be connected as a lowpass
filter to attenuate supply noise (Figure 14).
Definitions
Integral Nonlinearity
Integral nonlinearity (INL) is the deviation of the values
on an actual transfer function from a straight line. This
straight line can be either a best-straight-line fit or a line
drawn between the endpoints of the transfer function,
once offset and gain errors have been nullified. The
static linearity parameters for the MAX1084/MAX1085
are measured using the endpoints method.
Differential Nonlinearity
Differential nonlinearity (DNL) is the difference between
an actual step width and the ideal value of 1LSB. A
DNL error specification of 1LSB or less guarantees no
missing codes and a monotonic transfer function.
Aperture Jitter
Aperture jitter (tAJ) is the sample-to-sample variation in
the time between the samples.
Aperture Delay
Aperture delay (tAD) is the time defined between the
falling edge of CS and the instant when an actual sam-
ple is taken.
Signal-to-Noise Ratio
For a waveform perfectly reconstructed from digital
samples, signal-to-noise ratio (SNR) is the ratio of full-
scale analog input (RMS value) to the RMS quantization
error (residual error). The theoretical minimum analog-
to-digital noise is caused by quantization error and
results directly from the ADC’s resolution, (N bits):
CS
SCLK
DOUT
9
8
1
S0
D9
D8
D7
D6
D4
D3
D2
D1
D0
S1
D5
FIRST BYTE READ
SECOND BYTE READ
HIGH-Z
HIGH-Z
CS
SCLK
DOUT
14
12
1
D9
D8
D7
D6
D2
D3
D4
D1
D0
S1
S0
HIGH-Z
HIGH-Z
D5
Figure 12. SPI/MICROWIRE Serial Interface Timing (CPOL = CPHA = 0)
Figure 13. QSPI Serial Interface Timing (CPOL = 0, CPHA = 1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MAX1080 300ksps/400ksps Single-Supply Low-Power 8-Channel Serial 10-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1078 1.8Msps Single-Supply Low-Power True-Differential 10-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1082 300ksps/400ksps Single-Supply 4-Channel Serial 10-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1280 400ksps/300ksps Single-Supply Low-Power 8-Channel Serial 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1284-MAX1285 400ksps/300ksps Single-Supply Low-Power Serial 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1276 1.8Msps Single-Supply Low-Power True-Differential 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1282 300ksps/400ksps Single-Supply 4-Channel Serial 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1277 1.5Msps Single-Supply Low-Power True-Differential 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1180 Dual 10-Bit 105Msps +3.3V Low-Power ADC with Internal Reference and Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
TDA8763 10-bit high-speed low-power ADC with internal reference regulator 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn