Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1084 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part No. MAX1084
Description  400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1084 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1084 Datasheet HTML 7Page - Maxim Integrated Products MAX1084 Datasheet HTML 8Page - Maxim Integrated Products MAX1084 Datasheet HTML 9Page - Maxim Integrated Products MAX1084 Datasheet HTML 10Page - Maxim Integrated Products MAX1084 Datasheet HTML 11Page - Maxim Integrated Products MAX1084 Datasheet HTML 12Page - Maxim Integrated Products MAX1084 Datasheet HTML 13Page - Maxim Integrated Products MAX1084 Datasheet HTML 14Page - Maxim Integrated Products MAX1084 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
400ksps/300ksps, Single-Supply, Low-Power,
Serial 10-Bit ADCs with Internal Reference
______________________________________________________________________________________
11
Figure 6. Supply Current vs. Conversion Rate
10,000
1000
0.1
0.1
1
10
100
1k
10k
100k
100
10
1
CONVERSION RATE (SAMPLES)
VDD = 3.0V
DOUT = FS
RL =
CL = 10pF
SUPPLY CURRENT
vs. CONVERSION RATE
Figure 7. Reference Power-Up vs. Time in Shutdown
0
0.50
0.25
1.00
0.75
1.25
1.50
0.0001
0.01
0.001
0.1
1
10
TIME IN SHUTDOWN (s)
CREF = 4.7
µF
A/D STATE
DOUT
HIGH-Z
HIGH-Z
D9
D8
D7
D6
D5
D4
D3 D23 D1
D0
S1
S0
SCLK
14
3
8
12
15
ACQ
CS
HOLD/CONVERT
ACQUISITION
Figure 8. Interface Timing Sequence
CS
SCLK
DOUT
tDOE
tDOH
tDOD
tDOV
tCSO
tCSS
tCSI
tCSO
tCSH
tCH
tCL
tCP
tCSW
Figure 9. Detailed Serial-Interface Timing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MAX1080 300ksps/400ksps Single-Supply Low-Power 8-Channel Serial 10-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1078 1.8Msps Single-Supply Low-Power True-Differential 10-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1082 300ksps/400ksps Single-Supply 4-Channel Serial 10-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1280 400ksps/300ksps Single-Supply Low-Power 8-Channel Serial 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1284-MAX1285 400ksps/300ksps Single-Supply Low-Power Serial 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1276 1.8Msps Single-Supply Low-Power True-Differential 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1282 300ksps/400ksps Single-Supply 4-Channel Serial 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1277 1.5Msps Single-Supply Low-Power True-Differential 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1180 Dual 10-Bit 105Msps +3.3V Low-Power ADC with Internal Reference and Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
TDA8763 10-bit high-speed low-power ADC with internal reference regulator 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn