Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1084 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part No. MAX1084
Description  400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1084 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1084 Datasheet HTML 6Page - Maxim Integrated Products MAX1084 Datasheet HTML 7Page - Maxim Integrated Products MAX1084 Datasheet HTML 8Page - Maxim Integrated Products MAX1084 Datasheet HTML 9Page - Maxim Integrated Products MAX1084 Datasheet HTML 10Page - Maxim Integrated Products MAX1084 Datasheet HTML 11Page - Maxim Integrated Products MAX1084 Datasheet HTML 12Page - Maxim Integrated Products MAX1084 Datasheet HTML 13Page - Maxim Integrated Products MAX1084 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
400ksps/300ksps, Single-Supply, Low-Power,
Serial 10-Bit ADCs with Internal Reference
10
______________________________________________________________________________________
To start a conversion, pull CS low. At CS’s falling edge,
the T/H enters its hold mode and a conversion is initiat-
ed. Data can then be shifted out serially with the exter-
nal clock.
Using
S
SH
HD
DN
N to Reduce Supply Current
Power consumption can be reduced significantly by
shutting down the MAX1084/MAX1085 between conver-
sions. Figure 6 shows a plot of average supply current
vs. conversion rate. The wake-up time, tWAKE, is the
time from SHDN deasserted to the time when a conver-
sion may be initiated (Figure 5).This time depends on
the time in shutdown (Figure 7) because the external
4.7µF reference bypass capacitor loses charge slowly
during shutdown and can be as long as 1.4ms.
Timing and Control
Conversion-start and data-read operations are con-
trolled by the CS and SCLK digital inputs. The timing
diagrams of Figures 8 and 9 outline serial-interface
operation.
A CS falling edge initiates a conversion sequence: the
T/H stage holds the input voltage, the ADC begins to
convert, and DOUT changes from high impedance to
logic low. SCLK is used to drive the conversion
process, and it shifts data out as each bit of conversion
is determined.
SCLK begins shifting out the data after the rising edge
of the third SCLK pulse. DOUT transitions 20ns after
each SCLK rising edge. The third rising clock edge
produces the MSB of the conversion at DOUT, followed
by the remaining bits. Since there are 12 data bits and
3 leading zeros, at least 15 rising clock edges are
needed to shift out these bits. Extra clock pulses occur-
ring after the conversion result has been clocked out,
and prior to a rising edge of CS, produce trailing zeros
at DOUT and have no effect on converter operation.
Pull CS high after reading the conversion’s LSB. For
maximum throughput, CS can be pulled low again to ini-
tiate the next conversion immediately after the specified
minimum time (tCS).
Output Coding and Transfer Function
The data output from the MAX1084/MAX1085 is binary.
Figure 10 depicts the nominal transfer function. Code
transitions occur halfway between successive-integer
LSB values; VREF = 2.5V, and 1LSB = 2.44mV or 2.5V /
1024.
Applications Information
Connection to Standard Interfaces
The MAX1084/MAX1085 serial interface is fully compat-
ible with SPI, QSPI, and MICROWIRE (Figure 11).
If a serial interface is available, set the CPU’s serial
interface in master mode so the CPU generates the ser-
ial clock. Choose a clock frequency up to 6.4MHz
(MAX1084) or 4.8MHz (MAX1085).
1) Use a general-purpose I/O line on the CPU to pull CS
low. Keep SCLK low.
2) Activate SCLK for a minimum of 13 clock cycles. The
first two clocks produce zeros at DOUT. DOUT output
data transitions 20ns after SCLK rising edge and is
available in MSB-first format. Observe the SCLK-to-
DOUT valid timing characteristic. Data can be clocked
into the µP on SCLK’s falling or rising edge.
COMPLETE CONVERSION SEQUENCE
tWAKE
POWERED UP
POWERED DOWN
POWERED UP
CONVERSION 0
CONVERSION 1
DOUT
CS
SHDN
Figure 5. Shutdown Sequence


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MAX1080 300ksps/400ksps Single-Supply Low-Power 8-Channel Serial 10-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1078 1.8Msps Single-Supply Low-Power True-Differential 10-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1082 300ksps/400ksps Single-Supply 4-Channel Serial 10-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1280 400ksps/300ksps Single-Supply Low-Power 8-Channel Serial 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1284-MAX1285 400ksps/300ksps Single-Supply Low-Power Serial 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1276 1.8Msps Single-Supply Low-Power True-Differential 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1282 300ksps/400ksps Single-Supply 4-Channel Serial 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1277 1.5Msps Single-Supply Low-Power True-Differential 12-Bit ADCs with Internal Reference 1  2  3  4  5  More Maxim Integrated Products
MAX1180 Dual 10-Bit 105Msps +3.3V Low-Power ADC with Internal Reference and Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
TDA8763 10-bit high-speed low-power ADC with internal reference regulator 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn