Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGP4072DPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRGP4072DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4072DPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRGP4072DPBF_15 Datasheet HTML 2Page - International Rectifier IRGP4072DPBF_15 Datasheet HTML 3Page - International Rectifier IRGP4072DPBF_15 Datasheet HTML 4Page - International Rectifier IRGP4072DPBF_15 Datasheet HTML 5Page - International Rectifier IRGP4072DPBF_15 Datasheet HTML 6Page - International Rectifier IRGP4072DPBF_15 Datasheet HTML 7Page - International Rectifier IRGP4072DPBF_15 Datasheet HTML 8Page - International Rectifier IRGP4072DPBF_15 Datasheet HTML 9Page - International Rectifier IRGP4072DPBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRGP4072DPbF
6
www.irf.com
Fig. 19 - Typ. Diode IRR vs. diF/dt
VCC = 240V; VGE = 15V; IF = 40A; TJ = 150°C
Fig. 20 - Typ. Diode QRR vs. diF/dt
VCC = 240V; VGE = 15V; TJ = 150°C
Fig. 23 - Typical Gate Charge vs. VGE
ICE = 40A; L = 100µH
Fig. 21 - Typ. Diode ERR vs. IF
TJ = 150°C
300
400
500
600
700
800
diF /dt (A/µs)
20
25
30
35
40
300
400
500
600
700
800
diF /dt (A/µs)
1000
1200
1400
1600
1800
2000
2200
2400
2600
10
22
100
47
40A
20A
80A
20
30
40
50
60
70
80
IF (A)
0
200
400
600
800
1000
1200
RG = 10Ω
RG = 22Ω
RG = 47Ω
RG = 100Ω
0
255075
Q G, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
16
VCES= 150V
VCES= 240V
Fig. 22 - Typ. Capacitance vs. VCE
VGE= 0V; f = 1MHz
0
50
100
150
200
VCE (V)
10
100
1000
10000
Cies
Coes
Cres


Similar Part No. - IRGP4072DPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4072DPBF IRF-IRGP4072DPBF Datasheet
356Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGP4072DPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4650DPBF IRF-IRGP4650DPBF_15 Datasheet
337Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGP20B120UD-EPBF IRF-IRGP20B120UD-EPBF_15 Datasheet
931Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGP4660DPBF IRF-IRGP4660DPBF_15 Datasheet
354Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGP4690DPBF IRF-IRGP4690DPBF_15 Datasheet
351Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRG4IBC30KDPBF IRF-IRG4IBC30KDPBF_15 Datasheet
339Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com