Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA-4743 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADA-4743
Description  Silicon Bipolar Darlington Amplifi er
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADA-4743 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADA-4743 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADA-4743 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADA-4743 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADA-4743 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADA-4743 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADA-4743 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADA-4743 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADA-4743 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADA-4743 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ADA-4743 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum
I
d
Device Current
mA
90
P
diss
Total Power Dissipation [2]
mW
370
Pin max.
RF Input Power
dBm
20
T
j
Channel Temperature
°C
150
T
STG
Storage Temperature
°C
-65 to 150
θ
jc
Thermal Resistance [3]
°C/W
163
Notes:
1. Operation of this device above any one of
these parameters may cause permanent
damage.
2. Ground lead temperature is 25
°C.
Derate 6.1 mW/
°C for TL >89°C .
3. Junction-to-case thermal resistance
measured using 150
°C Liquid Crystal
Measurement method.
ADA-4743 Electrical Specifications
TA = 25°C, Zo=50Ω, Pin = -25 dBm, Id = 60 mA (unless specified otherwise)
Symbol
Parameter and Test Condition:
Frequency
Units
Min.
Typ.
Max.
Std. Dev.
Id = 60 mA, Zo = 50Ω
Vd
Device Voltage Id= 60 mA
V
3.3
3.8
4.3
Gp
Power Gain (|S21|
2
100 MHz
dB
16.6
900 MHz
[1,2]
15
16.5
18
ΔGp
Gain Flatness
100 to 900 MHz
dB
0.5
0.1 to 2 GHz
1.5
F
3dB
3 dB Bandwidth
GHz
4
VSWR
in
Input Voltage Standing Wave Ratio
0.1 to 6 GHz
1.7:1
VSWR
out
Output Voltage Standing Wave Ratio
0.1 to 6 GHz
1.5:1
NF
50
Ω Noise Figure
100 MHz
dB
4.1
0.11
900 MHz[1,2]
4.2
0.16
P
1dB
Output Power at 1dB Gain Compression
100 MHz
dBm
17.7
900 MHz[1,2]
17.1
OIP
3
Output 3rd Order Intercept Point
100 MHz[3]
dBm
33.4
900 MHz
[1,2,3]
32.6
DV/dT
Device Voltage Temperature Coefficient
mV/
°C
-4.9
Notes:
1. Typical value determined from a sample size of 500 parts from 3 wafers.
2. Measurement obtained using production test board described in the block diagram below.
3. I) 900 MHz OIP
3 test condition: F1 = 900 MHz, F2 = 905 MHz and Pin = -25 dBm per tone.
II) 100 MHz OIP
3 test condition: F1 = 100 MHz, F2 = 105 MHz and Pin = -25 dBm per tone.
Block diagram of 900 MHz production test board used for Vd, Gain, P1dB, OIP3, and NF measurements.
Circuit losses have been de-embedded from actual measurements.
Input
50 Ohm
Transmission
(0.5 dB loss)
DUT
50 Ohm
Transmission
including Bias
(0.5 dB loss)
Output


Similar Part No. - ADA-4743

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADA-4743 HP-ADA-4743 Datasheet
107Kb / 9P
   Silicon Bipolar Darlington Amplifier
ADA-4743-BLK HP-ADA-4743-BLK Datasheet
107Kb / 9P
   Silicon Bipolar Darlington Amplifier
ADA-4743-BLKG HP-ADA-4743-BLKG Datasheet
107Kb / 9P
   Silicon Bipolar Darlington Amplifier
ADA-4743-TR1 HP-ADA-4743-TR1 Datasheet
107Kb / 9P
   Silicon Bipolar Darlington Amplifier
ADA-4743-TR1G HP-ADA-4743-TR1G Datasheet
107Kb / 9P
   Silicon Bipolar Darlington Amplifier
More results

Similar Description - ADA-4743

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
ADA-4643 AVAGO-ADA-4643 Datasheet
107Kb / 12P
   Silicon Bipolar Darlington Amplifi er
MSA-0486 AVAGO-MSA-0486 Datasheet
59Kb / 5P
   Cascadable Silicon Bipolar MMIC Amplifi er
logo
Broadcom Corporation.
MSA-0386 BOARDCOM-MSA-0386 Datasheet
59Kb / 5P
   Cascadable Silicon Bipolar MMIC Amplifi er
MSA-0486 BOARDCOM-MSA-0486 Datasheet
59Kb / 5P
   Cascadable Silicon Bipolar MMIC Amplifi er
logo
Sanyo Semicon Device
SMA3103 SANYO-SMA3103 Datasheet
412Kb / 5P
   Silicon MMIC Wideband Amplifi er
SMA3101 SANYO-SMA3101 Datasheet
345Kb / 5P
   Silicon MMIC Wideband Amplifi er
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com