Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1082 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX1082
Description  300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1082 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1082 Datasheet HTML 2Page - Maxim Integrated Products MAX1082 Datasheet HTML 3Page - Maxim Integrated Products MAX1082 Datasheet HTML 4Page - Maxim Integrated Products MAX1082 Datasheet HTML 5Page - Maxim Integrated Products MAX1082 Datasheet HTML 6Page - Maxim Integrated Products MAX1082 Datasheet HTML 7Page - Maxim Integrated Products MAX1082 Datasheet HTML 8Page - Maxim Integrated Products MAX1082 Datasheet HTML 9Page - Maxim Integrated Products MAX1082 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
300ksps/400ksps, Single-Supply, 4-Channel,
Serial 10-Bit ADCs with Internal Reference
6
_______________________________________________________________________________________
VDD1 =
VDD2 =
3.6V
ISOURCE = 0.5mA
VDD1 = VDD2 = 2.7V to 3.6V, midscale input
CONDITIONS
mA
2.5
3.5
IVDD1
+ IVDD2
Supply Current
V
2.7
3.6
VDD1,
VDD2
V
VDD2 - 0.5V
VOH
Output Voltage High
Positive Supply Voltage
(Note 9)
1.3
2.0
Normal operating mode (Note 10)
Reduced-power mode (Note 11)
0.9
1.5
Fast power-down mode (Note 11)
Full power-down mode (Note 11)
µA
2.0
1.0
mV
±0.5
±2.0
PSR
Power-Supply Rejection
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ISINK = 5mA
V
0.4
VOL
Output Voltage Low
CS = VDD2
µA
±10
IL
Three-State Leakage Current
CS = VDD2
pF
15
COUT
Three-State Output Capacitance
ELECTRICAL CHARACTERISTICS—MAX1083 (continued)
(VDD1 = VDD2 = +2.7V to +3.6V, COM = GND, fOSC = 4.8MHz, 50% duty cycle, 16 clocks/conversion cycle (300ksps), external
+2.5V at REF, REFADJ = VDD1, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
TIMING CHARACTERISTICS—MAX1082
(Figures 1, 2, 5, 6; VDD1 = VDD2 = +4.5V to +5.5V; TA = TMIN to TMAX; unless otherwise noted.)
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CONDITIONS
ns
100
tCSW
CS Pulse Width High
ns
65
tSTE
CS Fall to SSTRB Enable
ns
65
tDOE
CS Fall to DOUT Enable
ns
10
65
tSTD
CS Rise to SSTRB Disable
ns
10
65
tDOD
CS Rise to DOUT Disable
ns
80
tSTV
SCLK Rise to SSTRB Valid
ns
80
tDOV
SCLK Rise to DOUT Valid
ns
62
tCL
SCLK Pulse Width Low
ns
62
tCH
ns
156
tCP
SCLK Period
SCLK Pulse Width High
ns
10
20
tSTH
SCLK Rise to SSTRB Hold
ns
10
20
tDOH
SCLK Rise to DOUT Hold
ns
35
tCS1
CS Rise to SCLK Rise Ignore
ns
35
tCSO
SCLK Rise to CS Fall Ignore
ns
35
tDS
DIN to SCLK Setup
ns
0
tDH
DIN to SCLK Hold
ns
35
tCSS
CS Fall to SCLK Rise Setup
ns
0
tCSH
SCLK Rise to CS Rise Hold
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DIGITAL OUTPUTS (DOUT, SSTRB)
POWER SUPPLY


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn