Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1082 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX1082
Description  300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1082 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1082 Datasheet HTML 1Page - Maxim Integrated Products MAX1082 Datasheet HTML 2Page - Maxim Integrated Products MAX1082 Datasheet HTML 3Page - Maxim Integrated Products MAX1082 Datasheet HTML 4Page - Maxim Integrated Products MAX1082 Datasheet HTML 5Page - Maxim Integrated Products MAX1082 Datasheet HTML 6Page - Maxim Integrated Products MAX1082 Datasheet HTML 7Page - Maxim Integrated Products MAX1082 Datasheet HTML 8Page - Maxim Integrated Products MAX1082 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
300ksps/400ksps, Single-Supply, 4-Channel,
Serial 10-Bit ADCs with Internal Reference
4
_______________________________________________________________________________________
VDD1 =
VDD2 =
5.5V
VDD1 = VDD2 = 5V ±10%, midscale input
CONDITIONS
mA
2.5
4.0
IVDD1
+ IVDD2
Supply Current
V
4.5
5.5
VDD1,
VDD2
Positive Supply Voltage
(Note 9)
1.3
2.0
0.9
1.5
µA
2.0
10
mV
±0.5
±2.0
PSR
Power-Supply Rejection
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Normal operating mode (Note 10)
Reduced-power mode (Note 11)
Fast power-down mode (Note 11)
Full power-down mode (Note 11)
ELECTRICAL CHARACTERISTICS—MAX1082 (continued)
(VDD1 = VDD2 = +4.5V to +5.5V, COM = GND, fOSC = 6.4MHz, 50% duty cycle, 16 clocks/conversion cycle (400ksps), external +2.5V
at REF, REFADJ = VDD1, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS—MAX1083
(VDD1 = VDD2 = +2.7V to +3.6V, COM = GND, fOSC = 4.8MHz, 50% duty cycle, 16 clocks/conversion cycle (300ksps), external
+2.5V at REF, REFADJ = VDD1, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
MAX1083A
SINAD > 58dB
-3dB point
f = 150kHz, VIN = 2.5Vp-p
fIN1 = 73kHz, fIN2 =77kHz
MAX1083B
No missing codes over temperature
Up to the 5th harmonic
CONDITIONS
kHz
250
Full-Linear Bandwidth
MHz
3
Full-Power Bandwidth
dB
-78
Channel-to-Channel Crosstalk
(Note 4)
dB
76
IMD
Intermodulation Distortion
dB
70
SFDR
Spurious-Free Dynamic Range
dB
-70
THD
Total Harmonic Distortion
LSB
±0.5
INL
Relative Accuracy (Note 2)
bits
10
Resolution
dB
60
SINAD
Signal-to-Noise plus Distortion
Ratio
LSB
±0.2
Channel-to-Channel Offset-Error
Matching
ppm/°C
±1.6
Gain-Error Temperature
Coefficient
±1.0
LSB
±1.0
DNL
Differential Nonlinearity
LSB
±3.0
Offset Error
LSB
±3.0
Gain Error (Note 3)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
POWER SUPPLY
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (75kHz sine wave input, 2.5Vp-p, 300 ksps, 4.8 MHz clock, bipolar input mode)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn