Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1082 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX1082
Description  300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1082 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1082 Datasheet HTML 1Page - Maxim Integrated Products MAX1082 Datasheet HTML 2Page - Maxim Integrated Products MAX1082 Datasheet HTML 3Page - Maxim Integrated Products MAX1082 Datasheet HTML 4Page - Maxim Integrated Products MAX1082 Datasheet HTML 5Page - Maxim Integrated Products MAX1082 Datasheet HTML 6Page - Maxim Integrated Products MAX1082 Datasheet HTML 7Page - Maxim Integrated Products MAX1082 Datasheet HTML 8Page - Maxim Integrated Products MAX1082 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
300ksps/400ksps, Single-Supply, 4-Channel,
Serial 10-Bit ADCs with Internal Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX1082
(VDD1 = VDD2 = +4.5V to +5.5V, COM = GND, fOSC = 6.4MHz, 50% duty cycle, 16 clocks/conversion cycle (400ksps), external +2.5V
at REF, REFADJ = VDD1, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD_ to GND............................................................ -0.3V to +6V
VDD_ to VDD2 ....................................................... -0.3V to +0.3V
CH0–CH3, COM to GND ............................ -0.3V to (VDD - 0.3V)
REF, REFADJ to GND .................................. -0.3V to VDD - 0.3V)
Digital Inputs to GND .............................................. -0.3V to +6V
Digital Outputs to GND.............................. -0.3V to (VDD + 0.3V)
Digital Output Sink Current .................................................25mA
Continuous Power Dissipation (TA = +70°C)
16-Pin TSSOP (derate 6.7mW/°C above +70°C) ........ 533mW
Operating Temperature Ranges
MAX1082_C_E/MAX1083_CUE ......................... 0°C to +70°C
MAX1082_E_E/MAX1083_EUE ....................... -40°C to +85°C
Storage Temperature Range ............................ -60°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
MAX1082A
SINAD > 58dB
-3dB point
200kHz, VIN = 2.5Vp-p
fIN1 = 99kHz, fIN2 =102kHz
MAX1083B
No missing codes over temperature
Up to the 5th harmonic
CONDITIONS
MHz
0.5
6.4
fSCLK
Serial Clock Frequency
ps
<50
Aperture Jitter
ns
10
Aperture Delay
ns
400
tACQ
Track/Hold Acquisition Time
µs
2.5
tCONV
Conversion Time (Note 5)
kHz
350
Full-Linear Bandwidth
MHz
6
Full-Power Bandwidth
dB
-78
Channel-to-Channel Crosstalk
(Note 4)
dB
76
IMD
Intermodulation Distortion
dB
70
SFDR
Spurious-Free Dynamic Range
dB
-70
THD
Total Harmonic Distortion
LSB
±0.5
INL
Relative Accuracy (Note 2)
bits
10
Resolution
dB
60
SINAD
Signal-to-Noise plus Distortion
Ratio
LSB
±0.2
Channel-to-Channel Offset-Error
Matching
ppm/°C
±1.6
Gain-Error Temperature
Coefficient
±1.0
LSB
±1.0
DNL
Differential Nonlinearity
LSB
±3.0
Offset Error
LSB
±3.0
Gain Error (Note 3)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
%
40
60
Duty Cycle
DYNAMIC SPECIFICATIONS (100kHz sine-wave input, 2.5Vp-p, 400ksps, 6.4MHz clock, bipolar input mode)
DC ACCURACY (Note 1)
CONVERSION RATE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn