Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX108 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX108
Description  ±5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 4 page
background image
±5V, 1.5Gsps, 8-Bit ADC with
On-Chip 2.2GHz Track/Hold Amplifier
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS
(VCCA = VCCI = VCCD = +5.0V, VEE = -5.0V, VCCO = +3.3V, REFIN connected to REFOUT, fS = 1.5Gsps, fIN at -1dBFS, TA = +25°C,
unless otherwise noted.)
Transfer Curve Offset
VOS
-2.0
0
+2.0
LSB
VOSADJ control input open
Single-ended
Differential
45.7
48.2
Signal-to-Noise Ratio and
Distortion (Note 11)
SINAD250
48.2
dB
fIN = 250MHz
Single-ended
Differential
44.5
47.0
Single-ended
Differential
SINAD750
47.1
44.3
SINAD1500
44.4
fIN = 1500MHz
fIN = 750MHz
Single-ended
Differential
55.0
61.6
Spurious-Free Dynamic Range
SFDR250
61.7
dB
fIN = 250MHz
Single-ended
Differential
50.0
54.0
Single-ended
Differential
SFDR750
54.1
44.6
SFDR1500
45.5
fIN = 1500MHz
fIN = 750MHz
Single-ended
Differential
-55.5
-60.2
Total Harmonic Distortion
(Note 12)
THD250
-61.3
dB
fIN = 250MHz
Single-ended
Differential
-49.0
-52.1
Single-ended
Differential
THD750
-52.8
-44.5
THD1500
-44.2
fIN = 1500MHz
fIN = 750MHz
Single-ended
Differential
44.2
47.4
Signal-to-Noise Ratio
(No Harmonics)
SNR250
47.4
dB
fIN = 250MHz
Single-ended
Differential
43.3
46.8
SNR750
46.9
fIN = 750MHz
Single-ended
Differential
7.3
7.71
Effective Number of Bits
(Note 11)
ENOB250
7.71
Bits
Single-ended
Differential
fIN = 250MHz
44.8
SNR1500
44.9
fIN = 1500MHz
Single-ended
Differential
7.1
7.51
ENOB750
7.53
fIN = 750MHz
Single-ended
Differential
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
7.07
Analog Input VSWR
VSWR
1.1:1
V/V
Analog Input Full-Power
Bandwidth
BW-3dB
2.2
GHz
ENOB1500
7.07
Two-Tone Intermodulation
IMD
-66.8
dB
CONDITIONS
fIN = 1500MHz
fIN = 500MHz
fIN1 = 247MHz, fIN2 = 253MHz,
at -7dB below full-scale
ANALOG INPUT
DYNAMIC SPECIFICATIONS




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX104±5V 1Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX106±5V 600Msps 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
ST72141K8-BIT MCU WITH ELECTRIC-MOTOR CONTROL ADC 16-BIT TIMERS SPI INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
ST7265XLOW-POWER FULL-SPEED USB 8-BIT MCU WITH 32K FLASH 5K RAM FLASH CARD I/F TIMER PWM ADC I2C SPI 1 2 3 4 5 MoreSTMicroelectronics
HB7131DCMOS IMAGE SENSOR With 8-bit ADC 1 2 3 4 5 MoreHynix Semiconductor
HI23018-Bit 30 MSPS Video A/D Converter with Amplifier/Clamp 1 2 3 4 5 MoreIntersil Corporation
AD7820LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl