Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX108 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX108
Description  ±5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 3 page
background image
±5V, 1.5Gsps, 8-Bit ADC with
On-Chip 2.2GHz Track/Hold Amplifier
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCCA = VCCI = VCCD = +5.0V ±5%, VEE = -5.0V ±5%, VCCO = +3.0V to VCCD, REFIN connected to REFOUT, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
PECL DIGITAL OUTPUTS (Note 5)
Negative Power-Supply
Rejection Ratio (Note 8)
PSRR-
40
68
dB
(Note 10)
Common-Mode Rejection Ratio
(Note 7)
CMRR
40
68
dB
Positive Power-Supply Rejection
Ratio (Note 8)
PSRR+
40
73
dB
VIN+ = VIN- = ±0.1V
(Note 9)
Positive Analog Supply Current
ICCA
480
780
mA
Positive Input Supply Current
ICCI
108
150
mA
Negative Input Supply Current
IEE
-290
-210
mA
Digital Supply Current
ICCD
205
340
mA
Output Supply Current (Note 6)
ICCO
75
115
mA
Power Dissipation (Note 6)
PDISS
5.25
W
Digital Output High Voltage
VOH
-1.025
-0.880
V
Digital Output Low Voltage
VOL
-1.810
-1.620
V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
High-Level Input Voltage
VIH
2.0
V
Low-Level Input Voltage
VIL
0.8
V
High-Level Input Current
IIH
50
µA
Clock Input Resistance
RCLK
48
50
52
Input Resistance Temperature
Coefficient
TCR
150
ppm/°C
Low-Level Input Current
IIL
-1
1
µA
Digital Input High Voltage
VIH
-1.165
V
Digital Input Low Voltage
VIL
-1.475
V
CONDITIONS
VIL = 0
VIH = 2.4V
CLK+ and CLK- to CLKCOM, TA = +25°C
CLOCK INPUTS (Note 3)
TTL/CMOS CONTROL INPUTS (DEMUXEN, DIVSELECT)
DEMUX RESET INPUT (Note 4)
POWER REQUIREMENTS
PECL DIGITAL OUTPUTS (Note 5)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX104±5V 1Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX106±5V 600Msps 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
ST72141K8-BIT MCU WITH ELECTRIC-MOTOR CONTROL ADC 16-BIT TIMERS SPI INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
ST7265XLOW-POWER FULL-SPEED USB 8-BIT MCU WITH 32K FLASH 5K RAM FLASH CARD I/F TIMER PWM ADC I2C SPI 1 2 3 4 5 MoreSTMicroelectronics
HB7131DCMOS IMAGE SENSOR With 8-bit ADC 1 2 3 4 5 MoreHynix Semiconductor
HI23018-Bit 30 MSPS Video A/D Converter with Amplifier/Clamp 1 2 3 4 5 MoreIntersil Corporation
AD7820LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl