Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX108 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX108
Description  `짹5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX108 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX108 Datasheet HTML 19Page - Maxim Integrated Products MAX108 Datasheet HTML 20Page - Maxim Integrated Products MAX108 Datasheet HTML 21Page - Maxim Integrated Products MAX108 Datasheet HTML 22Page - Maxim Integrated Products MAX108 Datasheet HTML 23Page - Maxim Integrated Products MAX108 Datasheet HTML 24Page - Maxim Integrated Products MAX108 Datasheet HTML 25Page - Maxim Integrated Products MAX108 Datasheet HTML 26Page - Maxim Integrated Products MAX108 Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
asserted, the auxiliary port contained “even” samples
while the primary port contained “odd” samples. After
the RSTOUT is deasserted (which marks the start of the
DREADY clock’s reset phase), note that the order of the
samples in the ports has been reversed. The auxiliary
port also contains an out-of-sequence sample. This is a
consequence of the “swallowed” clock cycle that was
needed to resynchronize DREADY to the reset phase.
Also note that the older sample data is always in the
auxiliary port, regardless of the DREADY phase.
These examples illustrate the combinations that result
with a reset input signal of two clock cycles. It is also
possible to reset the internal MAX108 demux success-
fully with a reset pulse of only one clock cycle, provid-
ed that the setup time and hold-time requirements are
met with respect to the sample clock. However, this is
not recommended when additional external demuxes
are used.
Note that many external demuxes require their reset
signals to be asserted while they are clocked, and may
require more than one clock cycle of reset. More impor-
tantly, if the phase of the DREADY clock is such that a
clock pulse will be “swallowed” to resynchronize, then
no reset output will occur at all. In effect, the RSTOUT
signal will be “swallowed” with the clock pulse. The
best method to ensure complete system reset is to
assert RSTIN for the appropriate number of DREADY
clock cycles required to complete reset of the external
demuxes.
Die Temperature Measurement
For applications that require monitoring of the die tem-
perature, it is possible to determine the die temperature
of the MAX108 under normal operating conditions by
observing the currents ICONST and IPTAT, at contacts
ICONST and IPTAT. ICONST and IPTAT are two 100µA
(nominal) currents that are designed to be equal at
+27°C. These currents are derived from the MAX108’s
internal precision +2.5V bandgap reference. ICONST is
designed to be temperature independent, while IPTAT is
directly proportional to the absolute temperature. These
currents are derived from PNP current sources refer-
enced from VCCI and driven into two series diodes con-
nected to GNDI. The contacts ICONST and IPTAT may
be left open because internal catch diodes prevent sat-
uration of the current sources. The simplest method of
determining the die temperature is to measure each
±5V, 1.5Gsps, 8-Bit ADC with
On-Chip 2.2GHz Track/Hold Amplifier
______________________________________________________________________________________
23
Figure 19. Reset Output Timing in Demuxed DIV2 Mode (DREADY Realigned)
NOTE: DREADY PHASE WAS ADJUSTED TO MATCH THE RESET PHASE BY “SWALLOWING” ONE INPUT CLOCK CYCLE.
THE AUXILIARY PORT CONTAINS AN OUT-OF-SEQUENCE SAMPLE AS A RESULT OF THE DELAY.
CLK-
CLK+
tSU
tHD
n
n+1
n+2
n+3
n+4
n+5
n+6
n+7
n+8
n+9
n+10
n+11
n+12
n+13
ADC SAMPLE NUMBER
ADC SAMPLES ON THE RISING EDGE OF CLK+
CLOCK PULSE “SWALLOWED”
OUT-OF-SEQUENCE SAMPLE
CLK
DREADY
DREADY+
DREADY-
RSTIN+
RSTIN-
RSTOUT+
RSTOUT-
RESET
INPUT
n-1
n+1
n-2
AUXILIARY
DATA PORT
PRIMARY
DATA PORT
n
n+2
n+4
RESET OUT
DATA PORT


Similar Part No. - MAX108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX108 MAXIM-MAX108 Datasheet
786Kb / 20P
   Demultiplexed Differential PECL Outputs
Rev 0; 6/99
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1080-MAX1081 MAXIM-MAX1080-MAX1081 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1080ACUP MAXIM-MAX1080ACUP Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1080AEUP MAXIM-MAX1080AEUP Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
More results

Similar Description - MAX108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX106 MAXIM-MAX106 Datasheet
758Kb / 32P
   짹5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
19-1486; Rev 0; 7/99
MAX104 MAXIM-MAX104 Datasheet
637Kb / 32P
   ±5V, 1Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
Rev 1; 5/99
MAX106CHC-D MAXIM-MAX106CHC-D Datasheet
1Mb / 31P
   ±5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
Rev 1; 11/01
logo
Analog Devices
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
   250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Analog Devices
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
   8-Bit ADC with Track/Hold Function
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
   5 s 8-Bit ADC with Track/Hold
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com