Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1062 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX1062
Description  14-Bit, %V, 200ksps ADC with 10μA Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1062 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
14-Bit, +5V, 200ksps ADC with 10µA Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = +4.75V to +5.25V, fSCLK = 4.8MHz (50% duty cycle), 24 clocks/conversion (200ksps), VREF = +4.096V, TA = TMIN
to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND ........................................................-0.3V to +6V
DVDD to DGND........................................................-0.3V to +6V
DGND to AGND....................................................-0.3V to +0.3V
AIN, REF to AGND ...................................-0.3V to (AVDD + 0.3V)
SCLK, CS to DGND ..................................................-0.3V to +6V
DOUT to DGND .......................................-0.3V to (DVDD + 0.3V)
Maximum Current Into Any Pin ...........................................50mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) ..........444mW
Operating Temperature Ranges
MAX1062_CUB .................................................0°C to +70°C
MAX1062_EUB ..............................................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (NOTE 1)
Resolution
14
Bits
MAX1062A
±1
MAX1062B
±2
Relative Accuracy (Note 2)
INL
MAX1062C
±3
LSB
Differential Nonlinearity
DNL
No missing codes over temperature
±0.5
±1
LSB
Transition Noise
RMS noise
±0.32
LSBRMS
Offset Error
0.2
1
mV
Gain Error (Note 3)
±0.002
±0.01
%FSR
Offset Drift
0.4
ppm/
oC
Gain Drift (Note 3)
0.2
ppm/
oC
DYNAMIC SPECIFICATIONS (1kHz sine wave, 4.096Vp-p) (Note 1)
Signal-to-Noise Plus Distortion
SINAD
81
84
dB
Signal-to-Noise Ratio
SNR
82
84
dB
Total Harmonic Distortion
THD
-99
-86
dB
Spurious-Free Dynamic Range
SFDR
87
101
dB
Full-Power Bandwidth
-3dB point
4
MHz
Full-Linear Bandwidth
SINAD > 81dB
20
kHz
CONVERSION RATE
Conversion Time (Note 4)
tCONV
5
240
µs
Serial Clock Frequency
fSCLK
0.1
4.8
MHz
Aperture Delay
15
ns
Aperture Jitter
<50
ps
Sample Rate
fS
fSCLK / 24
200
ksps
Track/Hold Acquisition Time
tACQ
1.1
µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn