Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRH Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

Part # CRH
Description  This specification applies to all sizes of rectangular-type fixed
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CRH Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  CRH Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CRH Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CRH Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CRH Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CRH Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CRH Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 
 
 
Rev. 7a
 
High Power Chip Resistor
MERITEK
CRH Series
Packaging 
 
 
 
 
 
 
 
 
Packaging Quantity & Reel Specifications
 
 
 
Paper Tape Specifications
 
 
 
 
 
 
 
 
 
 
Type
A
(mm)
B
(mm)
W
(mm)
E
(mm)
F
(mm)
P0
(mm)
P1
(mm)
P2
(mm)
ΦD0
(mm)
T
(mm)
CRH0402 0.65±0.10 1.15±0.10
8.0±0.20
1.75±0.10 3.50±0.05 4.00±0.10 2.00±0.05 2.00±0.05 1.50+0.1,-0 0.45±0.10
CRH0603 1.10±0.10 1.90±0.10
8.0±0.20
1.75±0.10 3.50±0.05 4.00±0.10 4.00±0.05 2.00±0.05 1.50+0.1,-0 0.70±0.10
CRH0805 1.60±0.10 2.40±0.20
8.0±0.20
1.75±0.10 3.50±0.05 4.00±0.10 4.00±0.05 2.00±0.05 1.50+0.1,-0 0.85±0.10
CRH1206 1.90±0.10 3.50±0.20
8.0±0.20
1.75±0.10 3.50±0.05 4.00±0.10 4.00±0.05 2.00±0.05 1.50+0.1,-0 0.85±0.10
CRH1210 2.90±0.10 3.50±0.20
8.0±0.20
1.75±0.10 3.50±0.05 4.00±0.10 4.00±0.05 2.00±0.05 1.50+0.1,-0 0.85±0.10
 
Type
Packaging
Quantity
Tape Width
Reel
Diameter
ΦA
(mm)
ΦB
(mm)
ΦC
(mm)
W
(mm)
T
(mm)
CRH0402
Paper
10K
8mm
7 inch
178.5±1.5
60
+1/-0
13.0±0.2
9.0±0.5
12.5±0.5
20K
10 inch
254±1.0
100±0.5
13.0±0.2
9.5±0.5
13.5±0.5
40K
13 inch
330±1.0
100±0.5
13.0±0.2
9.5±0.5
13.5±0.5
CRH0603
CRH0805
CRH1206
CRH1210
Paper
5K
8mm
7 inch
178.5±1.5
60
+1/-0
13.0±0.2
9.0±0.5
12.5±0.5
10K
10 inch
254±1.0
100±0.5
13.0±0.2
9.5±0.5
13.5±0.5
20K
13 inch
330±1.0
100±0.5
13.0±0.2
9.5±0.5
13.5±0.5
CRH2010
CRH2512
Embossed
4K
12mm
7 inch
178.5±1.5
60
+1/-0
13.0±0.5
13.0±0.5
15.5±0.5
8K
10 inch
250±1.0
62±0.5
13.0±0.5
12.5±0.5
16.5±0.5
W
E
F
ψ D 0
P 1
P 2
P 0
direction o f unreeling
A
B
To p Tap e
B o tto m T ap e
Resisto r
Paper T ap e
T


Similar Part No. - CRH

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
CRH-10680 OKAYA-CRH-10680 Datasheet
315Kb / 1P
   SPARK QUENCHER
CRH-10680 OKAYA-CRH-10680_14 Datasheet
80Kb / 1P
   SPARK QUENCHER
CRH-20470 OKAYA-CRH-20470 Datasheet
315Kb / 1P
   SPARK QUENCHER
CRH-30330 OKAYA-CRH-30330 Datasheet
315Kb / 1P
   SPARK QUENCHER
logo
PIC GmbH
CRH-500 PIC-CRH-500 Datasheet
26Kb / 1P
   Power Form C Switch
More results

Similar Description - CRH

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
UW21T-900M-N LEIDITECH-UW21T-900M-N Datasheet
842Kb / 6P
   This specification applies to CUW FILTER
AWCU00453226513TT2 LEIDITECH-AWCU00453226513TT2 Datasheet
665Kb / 6P
   This specification applies to CUW FILTER
LUW0904T-471-N LEIDITECH-LUW0904T-471-N Datasheet
317Kb / 4P
   This specification applies to LUW FILTER
LWCU00452522142Y00 LEIDITECH-LWCU00452522142Y00 Datasheet
980Kb / 8P
   This specification applies to BWCU FILTER
CUW43T-513T-AU LEIDITECH-CUW43T-513T-AU Datasheet
593Kb / 6P
   This specification applies to CUW FILTER
logo
Murata Manufacturing Co...
BNX022-01L MURATA1-BNX022-01L Datasheet
445Kb / 14P
   This reference specification applies to SMD Block Type EMIFIL.
logo
Soberton Inc.
WT-2505 SOBERTON-WT-2505_17 Datasheet
312Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1201 SOBERTON-WT-1201_17 Datasheet
268Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1612S SOBERTON-WST-1612S_16 Datasheet
340Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1307S SOBERTON-WST-1307S Datasheet
290Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com