Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX106 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX106
Description  ±5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 6 page
background image
±5V, 600Msps, 8-Bit ADC with On-Chip
2.2GHz Bandwidth Track/Hold Amplifier
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VCCA = VCCI = VCCD = +5.0V, VEE = -5.0V, VCCO = +3.3V, REFIN connected to REFOUT, fS = 600Msps, TA = +25°C, unless other-
wise noted.)
8.00
10
100
1000
EFFECTIVE NUMBER OF BITS vs.
ANALOG INPUT FREQUENCY
(SINGLE-ENDED ANALOG INPUT DRIVE)
ANALOG INPUT FREQUENCY (MHz)
6.75
6.50
7.25
7.50
7.00
7.75
-6dBFS
-1dBFS
-12dBFS
8.00
10
100
1000
EFFECTIVE NUMBER OF BITS vs.
ANALOG INPUT FREQUENCY
(DIFFERENTIAL ANALOG INPUT DRIVE)
ANALOG INPUT FREQUENCY (MHz)
6.75
6.50
7.25
7.50
7.00
7.75
-6dBFS
-1dBFS
-12dBFS
50
10
100
1000
SIGNAL-TO-NOISE PLUS DISTORTION
vs. ANALOG INPUT FREQUENCY
(SINGLE-ENDED ANALOG INPUT DRIVE)
ANALOG INPUT FREQUENCY (MHz)
47
48
46
49
-1dBFS
-12dBFS
-6dBFS
50
10
100
1000
SIGNAL-TO-NOISE PLUS DISTORTION
vs. ANALOG INPUT FREQUENCY
(DIFFERENTIAL ANALOG INPUT DRIVE)
ANALOG INPUT FREQUENCY (MHz)
47
48
46
49
-1dBFS
-12dBFS
-6dBFS
50
10
100
1000
SIGNAL-TO-NOISE RATIO vs.
ANALOG INPUT FREQUENCY
(SINGLE-ENDED ANALOG INPUT DRIVE)
ANALOG INPUT FREQUENCY (MHz)
30
38
42
34
46
-1dBFS
-12dBFS
-6dBFS
50
10
100
1000
SIGNAL-TO-NOISE RATIO vs.
ANALOG INPUT FREQUENCY
(DIFFERENTIAL ANALOG INPUT DRIVE)
ANALOG INPUT FREQUENCY (MHz)
30
38
42
34
46
-6dBFS
-1dBFS
-12dBFS
Note 12: Total harmonic distortion (THD) is computed from the first five harmonics.
Note 13: Guaranteed by design with a reset pulse width of one clock period or longer.
Note 14: The DREADY to DATA propagation delay is measured from the 50% point on the rising edge of the DREADY signal (when
the output data changes) to the 50% point on a data output bit. This places the falling edge of the DREADY signal in the
middle of the data output valid window, within the differences between the DREADY and DATA rise and fall times, which
gives maximum setup and hold time for latching external data latches.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX104±5V 1Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX108±5V 1.5Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
L9805Super Smart Power Motor Driver with 8-BIT MCU CAN Interface 16K EPROM 256Bytes RAM 128 Bytes EEPROM 10 Bit ADC WDG 2 Timers 2 PWM Modules Ful 1 2 3 4 5 MoreSTMicroelectronics
ST72104G8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI I2C INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST7263BLOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM UP TO 512 BYTES RAM 8-BIT ADC WDG TIMER SCI & I²C 1 2 3 4 5 MoreSTMicroelectronics
CXD2301Q8-bit 30MSPS Video A/D Converter with Built-in Amplifier/Clamp 1 2 3 4 5 MoreSony Corporation
HB7121BELECTRONICSCMOS IMAGE SENSOR With 8-bit ADC 1 2 3 4 5 MoreHynix Semiconductor
MAX101500Msps 8-Bit ADC with Track/Hold 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl