Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX106 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX106
Description  ±5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 2 page
background image
±5V, 600Msps, 8-Bit ADC with On-Chip
2.2GHz Bandwidth Track/Hold Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCCA = VCCI = VCCD = +5.0V ±5%, VEE = -5.0V ±5%, VCCO = +3.0V to VCCD, REFIN connected to REFOUT, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCCA to GNDA .........................................................-0.3V to +6V
VCCD to GNDD.........................................................-0.3V to +6V
VCCI to GNDI ............................................................-0.3V to +6V
VCCO to GNDD........................................-0.3V to (VCCD + 0.3V)
AUXEN1, AUXEN2 to GND .....................-0.3V to (VCCD + 0.3V)
VEE to GNDI..............................................................-6V to +0.3V
Between GNDs......................................................-0.3V to +0.3V
VCCA to VCCD .......................................................-0.3V to +0.3V
VCCA to VCCI.........................................................-0.3V to +0.3V
PECL Digital Output Current ...............................................50mA
REFIN to GNDR ........................................-0.3V to (VCCI + 0.3V)
REFOUT Current ................................................+100µA to -5mA
ICONST, IPTAT to GNDI .......................................-0.3V to +1.0V
TTL/CMOS Control Inputs
(DEMUXEN, DIVSELECT) ....................-0.3V to (VCCD + 0.3V)
RSTIN+, RSTIN- ......................................-0.3V to (VCCO + 0.3V)
VOSADJ Adjust Input ................................-0.3V to (VCCI + 0.3V)
CLK+ to CLK- Voltage Difference..........................................±3V
CLK+, CLK-.....................................(VEE - 0.3V) to (GNDD + 1V)
CLKCOM.........................................(VEE - 0.3V) to (GNDD + 1V)
VIN+ to VIN- Voltage Difference ............................................±2V
VIN+, VIN- to GNDI................................................................±2V
Continuous Power Dissipation (TA = +70°C)
192-Contact ESBGA (derate 61mW/°C above +70°C) ...4.88W
(with heatsink and 200LFM airflow,
derate 106mW/°C above +70°C) ....................................8.48W
Operating Temperature Range
MAX106CHC........................................................0°C to +70°C
Operating Junction Temperature.....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
TA = +25° C
Referenced to GNDR
0 < ISOURCE < 2.5mA
Driving REFIN input only
VIN+ and VIN- to GNDI, TA = +25°C
VOSADJ = 0 to 2.5V
Signal + offset w.r.t. GNDI
TA = +25° C
No missing codes guaranteed
CONDITIONS
k
45
RREF
Reference Input Resistance
mV
5
∆REFOUT
Reference Output Load
Regulation
V
2.475
2.50
2.525
REFOUT
Reference Output Voltage
LSB
±4
±5.5
Input VOS Adjust Range
k
14
25
RVOS
Input Resistance (Note 2)
ppm/°C
150
TCR
Input Resistance Temperature
Coefficient
LSB
-0.5
±0.25
0.5
INL
Integral Nonlinearity (Note 1)
Bits
8
RES
Resolution
49
50
51
RIN
Input Resistance
V
±0.8
VCM
Common-Mode Input Range
mVp-p
475
500
525
VFSR
Full-Scale Input Range (Note 1)
LSB
-0.5
±0.25
0.5
DNL
Differential Nonlinearity (Note 1)
Codes
None
Missing Codes
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ACCURACY
ANALOG INPUTS
VOS ADJUST CONTROL INPUT
REFERENCE INPUT AND OUTPUT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX104±5V 1Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX108±5V 1.5Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
L9805Super Smart Power Motor Driver with 8-BIT MCU CAN Interface 16K EPROM 256Bytes RAM 128 Bytes EEPROM 10 Bit ADC WDG 2 Timers 2 PWM Modules Ful 1 2 3 4 5 MoreSTMicroelectronics
ST72104G8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI I2C INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST7263BLOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM UP TO 512 BYTES RAM 8-BIT ADC WDG TIMER SCI & I²C 1 2 3 4 5 MoreSTMicroelectronics
CXD2301Q8-bit 30MSPS Video A/D Converter with Built-in Amplifier/Clamp 1 2 3 4 5 MoreSony Corporation
HB7121BELECTRONICSCMOS IMAGE SENSOR With 8-bit ADC 1 2 3 4 5 MoreHynix Semiconductor
MAX101500Msps 8-Bit ADC with Track/Hold 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl