Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX106 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX106
Description  ±5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 1 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX106 PECL-compatible, 600Msps, 8-bit analog-to-
digital converter (ADC) allows accurate digitizing of ana-
log signals with bandwidths to 2.2GHz. Fabricated on
Maxim’s proprietary advanced GST-2 bipolar process, the
MAX106 integrates a high-performance track/hold (T/H)
amplifier and a quantizer on a single monolithic die.
The innovative design of the internal T/H, which has an
exceptionally wide 2.2GHz full-power input bandwidth,
results in high, 7.6 effective bits performance at the
Nyquist frequency. A fully differential comparator design
and decoding circuitry combine to reduce out-of-
sequence code errors (thermometer bubbles or sparkle
codes) and provide excellent metastable performance of
one error per 1027 clock cycles. Unlike other ADCs, which
can have errors that result in false full- or zero-scale out-
puts, the MAX106 limits the error magnitude to 1LSB.
The analog input is designed for either differential or sin-
gle-ended use with a ±250mV input voltage range. Dual,
differential, PECL-compatible output data paths ensure
easy interfacing and include an 8:16 demultiplexer feature
that reduces output data rates to one-half the sampling
clock rate. The PECL outputs can be operated from any
supply between +3V to +5V for compatibility with +3.3V or
+5V referenced systems. Control inputs are provided for
interleaving additional MAX106 devices to increase the
effective system sampling rate.
The MAX106 is packaged in a 25mm x 25mm, 192-con-
tact Enhanced Super-Ball-Grid Array (ESBGA™), and is
specified over the commercial (0°C to +70°C) temperature
range. For a pin-compatible higher speed upgrade, refer
to the MAX104 (1Gsps) and MAX108 (1.5Gsps) data
sheets.
Applications
Digital RF/IF Signal Processing
Direct RF Downconversion
High-Speed Data Acquisition
Digital Oscilloscopes
High-Energy Physics
Radar/ECM Systems
ATE Systems
Features
o 600Msps Conversion Rate
o 2.2GHz Full-Power Analog Input Bandwidth
o 7.6 Effective Bits at fIN = 300MHz
(Nyquist frequency)
o ±0.25LSB INL and DNL
o 50
Ω Differential Analog Inputs
o ±250mV Input Signal Range
o On-Chip, +2.5V Precision Bandgap Voltage
Reference
o Latched, Differential PECL Digital Outputs
o Low Error Rate: 10-27 Metastable States
o Selectable 8:16 Demultiplexer
o Internal Demux Reset Input with Reset Output
o 192-Contact ESBGA
o Pin Compatible with Faster MAX104/MAX108
±5V, 600Msps, 8-Bit ADC with On-Chip
2.2GHz Bandwidth Track/Hold Amplifier
________________________________________________________________
Maxim Integrated Products
1
19-1486; Rev 0; 7/99
PART
MAX106CHC
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
192 ESBGA
Typical Operating Circuit appears at end of data sheet.
Ordering Information
ESBGA
TOP VIEW
MAX106
192-Contact ESBGA
Ball Assignment Matrix
ESBGA is a trademark of Amkor/Anam.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX104±5V 1Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX108±5V 1.5Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
L9805Super Smart Power Motor Driver with 8-BIT MCU CAN Interface 16K EPROM 256Bytes RAM 128 Bytes EEPROM 10 Bit ADC WDG 2 Timers 2 PWM Modules Ful 1 2 3 4 5 MoreSTMicroelectronics
ST72104G8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI I2C INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST7263BLOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM UP TO 512 BYTES RAM 8-BIT ADC WDG TIMER SCI & I²C 1 2 3 4 5 MoreSTMicroelectronics
CXD2301Q8-bit 30MSPS Video A/D Converter with Built-in Amplifier/Clamp 1 2 3 4 5 MoreSony Corporation
HB7121BELECTRONICSCMOS IMAGE SENSOR With 8-bit ADC 1 2 3 4 5 MoreHynix Semiconductor
MAX101500Msps 8-Bit ADC with Track/Hold 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl