Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAP64-03 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAP64-03
Description  Silicon PIN diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP64-03 Datasheet(HTML) 4 Page - NXP Semiconductors

  BAP64-03_15 Datasheet HTML 1Page - NXP Semiconductors BAP64-03_15 Datasheet HTML 2Page - NXP Semiconductors BAP64-03_15 Datasheet HTML 3Page - NXP Semiconductors BAP64-03_15 Datasheet HTML 4Page - NXP Semiconductors BAP64-03_15 Datasheet HTML 5Page - NXP Semiconductors BAP64-03_15 Datasheet HTML 6Page - NXP Semiconductors BAP64-03_15 Datasheet HTML 7Page - NXP Semiconductors BAP64-03_15 Datasheet HTML 8Page - NXP Semiconductors BAP64-03_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BAP64-03
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 8 — 12 May 2015
4 of 9
NXP Semiconductors
BAP64-03
Silicon PIN diode
f=1MHz; Tj =25 C.
f = 100 MHz; Tj =25 C.
Fig 1.
Diode capacitance as a function of reverse
voltage; typical values
Fig 2.
Forward resistance as a function of forward
current; typical values
Tamb =25 C
Diode zero biased and inserted in series with a 50
stripline circuit
Tamb =25 C
(1) IF =100 mA
(2) IF =10 mA
(3) IF =1mA
(4) IF =0.5 mA
Diode inserted in series with a 50
 stripline circuit and
biased via the analyzer Tee network
Fig 3.
Isolation of the diode as a function of
frequency; typical values
Fig 4.
Insertion loss of the diode as a function of
frequency; typical values


Similar Part No. - BAP64-03_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BAP64-03 JMNIC-BAP64-03_15 Datasheet
69Kb / 8P
   Silicon PIN diode
More results

Similar Description - BAP64-03_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com