Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX105 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX105
Description  Dual, 6-Bit, 800Msps ADC with On-Chip, Wideband Input Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX105 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX105 Datasheet HTML 1Page - Maxim Integrated Products MAX105 Datasheet HTML 2Page - Maxim Integrated Products MAX105 Datasheet HTML 3Page - Maxim Integrated Products MAX105 Datasheet HTML 4Page - Maxim Integrated Products MAX105 Datasheet HTML 5Page - Maxim Integrated Products MAX105 Datasheet HTML 6Page - Maxim Integrated Products MAX105 Datasheet HTML 7Page - Maxim Integrated Products MAX105 Datasheet HTML 8Page - Maxim Integrated Products MAX105 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Dual, 6-Bit, 800Msps ADC with On-Chip,
Wideband Input Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVCC, AVCCI, AVCCQ and AVCCR to AGND............-0.3V to +6V
OVCCI and OVCCQ to OGND...................................-0.3V to +4V
AGND to OGND ................................................... -0.3V to +0.3V
P0I± to P5I± and A0I± to A5I±
DREADY+, DREADY- to OGNDI .............-0.3V to OVCCI+0.3V
P0Q± to P5Q±, A0Q± to A5Q±
DOR+ and DOR- to OGNDQ ................-0.3V to OVCCQ+0.3V
REF to AGNDR...........................................-0.3V to AVCCR+0.3V
Differential Voltage Between INI+ and INI- ....................-2V, +2V
Differential Voltage Between INQ+ and INQ-.................-2V, +2V
Differential Voltage Between CLK+ and CLK- ...............-2V, +2V
Maximum Current Into Any Pin ...........................................50mA
Continuous Power Dissipation (TA = +70°C)
80-Pin TQFP (derate 44mW/°C above +70°C)..................3.5W
Operating Temperature Range
MAX105ECS .....................................................-40
°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead temperature (soldering, 10s) ..................................+300°C
ELECTRICAL CHARACTERISTICS
(AVCC = AVCCI = AVCCQ = AVCCR = +5V, OVCCI = OVCCQ = +3.3V, AGND = AGNDI = AGNDQ = AGNDR = 0, OGNDI = OGNDQ
= 0, fCLK = 802.816MHz, CL = 1µF to AGND at REF, RL = 100
Ω ±1% applied to digital LVDS outputs, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25
°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
RES
6
Bits
Integral Nonlinearity (Note 1)
INL
-1
±0.2
1
LSB
Differential Nonlinearity
(Note 1)
DNL
No missing codes guaranteed
-1
±0.25
1
LSB
Offset Voltage
VOS
(Note 2)
-1
±0.25
1
LSB
Offset Matching Between ADCs
OM
(Note 2)
-0.5
±0.1
0.5
LSB
ANALOG INPUTS (INI+, INI-, INQ+, INQ-)
Input Open-Circuit Voltage
VAOC
2.4
2.5
2.6
V
Input Open-Circuit Voltage
Matching
(VINI+ - VIN-) - (VINQ+ - VINQ-)
±7.5
mV
Common Mode Input Voltage
Range (Note 3)
VCM
Signal + Offset w.r.t. AGND
1.85
3.05
V
Full-Scale Analog Input
Voltage Range (Note 4)
VFSR
0.76
0.8
0.84
Vp-p
Input Resistance
RIN
1.7
2
k
Input Capacitance
CIN
1.5
pF
Input Resistance Temperature
Coefficient
TCRIN
150
ppm/
°C
Full-Power Analog Input BW
FPBW-0.5dB
400
MHz
REFERENCE OUTPUT
Reference Output Resistance
RREF
Referenced to AGNDR
5
Reference Output Voltage
√REF
ISOURCE = 500
µA
2.45
2.50
2.55
V


Similar Part No. - MAX105

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX105 MAXIM-MAX105 Datasheet
560Kb / 10P
   Demultiplexed Differential LVDS Outputs
Rev 0; 5/01
MAX1057 MAXIM-MAX1057 Datasheet
1Mb / 47P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
19-3280; Rev 2; 8/04
MAX1057BETM MAXIM-MAX1057BETM Datasheet
1Mb / 47P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
19-3280; Rev 2; 8/04
MAX1057BETM MAXIM-MAX1057BETM Datasheet
612Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 5; 2/12
MAX1058 MAXIM-MAX1058 Datasheet
1Mb / 47P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
19-3280; Rev 2; 8/04
More results

Similar Description - MAX105

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX107 MAXIM-MAX107 Datasheet
1Mb / 21P
   Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier
Rev 0; 5/01
MAX104 MAXIM-MAX104 Datasheet
637Kb / 32P
   ±5V, 1Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
Rev 1; 5/99
MAX108 MAXIM-MAX108 Datasheet
428Kb / 32P
   `짹5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
19-1492; Rev 0; 9/99
MAX106 MAXIM-MAX106 Datasheet
758Kb / 32P
   짹5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
19-1486; Rev 0; 7/99
MAX106CHC-D MAXIM-MAX106CHC-D Datasheet
1Mb / 31P
   ±5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
Rev 1; 11/01
logo
Avia Semiconductor Co.,...
HX720 AVIA-HX720 Datasheet
51Kb / 1P
   24-Bit ADC with On-chip 3.3V Output Regulator
logo
Texas Instruments
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
logo
Maxim Integrated Produc...
MAX1002 MAXIM-MAX1002 Datasheet
106Kb / 12P
   Low-Power, 60Msps, Dual, 6-Bit ADC
19-1270; Rev 0; 7/97
MAX1003 MAXIM-MAX1003 Datasheet
115Kb / 12P
   Low-Power, 90Msps, Dual 6-Bit ADC
19-1236; Rev 0; 6/97
logo
Cirrus Logic
CS5529 CIRRUS-CS5529 Datasheet
612Kb / 30P
   16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com