Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX104 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX104
Description  ±5V, 1Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 3 page
background image
±5V, 1Gsps, 8-Bit ADC with
On-Chip 2.2GHz Track/Hold Amplifier
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCCA = VCCI = VCCD = +5.0V ±5%, VEE = -5.0V ±5%, VCCO = +3.0V to VCCD, REFIN connected to REFOUT, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
CLK+ and CLK- to CLKCOM, TA = +25°C
VIH = 2.4V
VIL = 0
CONDITIONS
V
-1.475
VIL
Digital Input Low Voltage
V
-1.165
VIH
Digital Input High Voltage
µA
-1
1
IIL
Low-Level Input Current
ppm/°C
150
TCR
Input Resistance Temperature
Coefficient
48
50
52
RCLK
Clock Input Resistance
µA
50
IIH
High-Level Input Current
V
0.8
VIL
Low-Level Input Voltage
V
2.0
VIH
High-Level Input Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V
-1.810
-1.620
VOL
Digital Output Low Voltage
V
-1.025
-0.880
VOH
Digital Output High Voltage
W
5.25
PDISS
Power Dissipation (Note 6)
mA
75
115
ICCO
Output Supply Current (Note 6)
mA
205
340
ICCD
Digital Supply Current
mA
-290
-210
IEE
Negative Input Supply Current
mA
108
150
ICCI
Positive Input Supply Current
mA
480
780
ICCA
Positive Analog Supply Current
(Note 9)
VIN+ = VIN- = ±0.1V
dB
40
73
PSRR+
Positive Power-Supply Rejection
Ratio (Note 8)
dB
40
68
CMRR
Common-Mode Rejection Ratio
(Note 7)
(Note 10)
dB
40
68
PSRR-
Negative Power-Supply
Rejection Ratio (Note 8)
CLOCK INPUTS (Note 3)
TTL/CMOS CONTROL INPUTS (DEMUXEN, DIVSELECT)
DEMUX RESET INPUT (Note 4)
PECL DIGITAL OUTPUTS (Note 5)
POWER REQUIREMENTS




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX106±5V 600Msps 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX108±5V 1.5Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
L9805Super Smart Power Motor Driver with 8-BIT MCU CAN Interface 16K EPROM 256Bytes RAM 128 Bytes EEPROM 10 Bit ADC WDG 2 Timers 2 PWM Modules Ful 1 2 3 4 5 MoreSTMicroelectronics
ST72104G8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI I2C INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST7263BLOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM UP TO 512 BYTES RAM 8-BIT ADC WDG TIMER SCI & I²C 1 2 3 4 5 MoreSTMicroelectronics
CXD2301Q8-bit 30MSPS Video A/D Converter with Built-in Amplifier/Clamp 1 2 3 4 5 MoreSony Corporation
HB7121BELECTRONICSCMOS IMAGE SENSOR With 8-bit ADC 1 2 3 4 5 MoreHynix Semiconductor
MAX101500Msps 8-Bit ADC with Track/Hold 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl