Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX104 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX104
Description  ±5V, 1Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX104 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX104 Datasheet HTML 16Page - Maxim Integrated Products MAX104 Datasheet HTML 17Page - Maxim Integrated Products MAX104 Datasheet HTML 18Page - Maxim Integrated Products MAX104 Datasheet HTML 19Page - Maxim Integrated Products MAX104 Datasheet HTML 20Page - Maxim Integrated Products MAX104 Datasheet HTML 21Page - Maxim Integrated Products MAX104 Datasheet HTML 22Page - Maxim Integrated Products MAX104 Datasheet HTML 23Page - Maxim Integrated Products MAX104 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
inputs are AC-coupled. Under this condition, connect
CLKCOM to GNDI. Single-ended ECL/PECL/sine-wave
drive is also possible if the undriven clock input is
reverse-terminated to GNDI through a 50
Ω resistor in
series with a capacitor whose value is identical to that
used to couple the driven input.
Demux Reset Operation
The MAX104 features an internal 1:2 demultiplexer that
reduces the data rate of the output digital data to one-
half the sample clock rate. Demux reset is necessary
when interleaving multiple MAX104s and/or synchroniz-
ing external demultiplexers. The simplified block diagram
of Figure 1 shows that the demux reset signal path con-
sists of four main circuit blocks. From input to output,
they are the reset input dual latch, the reset pipeline, the
demux clock generator, and the reset output. The sig-
nals associated with the demux reset operation and the
control of this section are listed in Table 6.
Reset Input Dual Latch
The reset input dual-latch circuit block accepts differ-
ential PECL reset inputs referenced to the same VCCO
power supply that powers the MAX104 PECL outputs.
For applications that do not require a synchronizing
reset, the reset inputs can be left open. In this case,
they will self-bias to a proper level with internal 50k
resistors and 20µA current source. This combination
creates a -1V difference between RSTIN+ and RSTIN-
to disable the internal reset circuitry. When driven with
PECL logic levels terminated with 50
Ω to (VCCO - 2V),
the internal biasing network can easily be overdriven.
Figure 14 shows a simplified schematic of the reset
input structure.
To properly latch the reset input data, the setup time
(tSU) and the data hold time (tHD) must be met with
respect to the rising edge of the sample clock. The tim-
ing diagram of Figure 15 shows the timing relationship
of the reset input and sampling clock.
±5V, 1Gsps, 8-Bit ADC with
On-Chip 2.2GHz Track/Hold Amplifier
20
______________________________________________________________________________________
Table 5. DC-Coupled Clock Drive Options
-10dBm to +4dBm
Figure 13a
Single-Ended Sine Wave
CLK+
GNDI
CLKCOM
CLOCK DRIVE
REFERENCE
External 50
Ω to GNDI
CLK-
-10dBm to +4dBm
-10dBm to +4dBm
Figure 13b
Differential Sine Wave
GNDI
ECL Drive
-1.3V
Figure 13c
Single-Ended ECL
-2V
ECL Drive
ECL Drive
Figure 13d
Differential ECL
-2V
50k
50k
RSTIN+
RSTIN-
RESET INPUTS ARE
ESD PROTECTED
(NOT SHOWN IN THIS
SIMPLIFIED DRAWING).
20
µA
GNDD
VCCO
Figure 14. Simplified Reset Input Structure
RSTIN+
50%
50%
CLK+
CLK-
RSTIN-
50%
tSU
tHD
Figure 15. Reset Input Timing Definitions


Similar Part No. - MAX104

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX104 MAXIM-MAX104 Datasheet
786Kb / 20P
   Demultiplexed Differential PECL Outputs
Rev 0; 6/99
MAX1040 MAXIM-MAX1040 Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
MAX1040 MAXIM-MAX1040 Datasheet
406Kb / 39P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1040BETX MAXIM-MAX1040BETX Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
MAX1040BETX MAXIM-MAX1040BETX Datasheet
406Kb / 39P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
More results

Similar Description - MAX104

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX106CHC-D MAXIM-MAX106CHC-D Datasheet
1Mb / 31P
   ±5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
Rev 1; 11/01
MAX108 MAXIM-MAX108 Datasheet
428Kb / 32P
   `짹5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
19-1492; Rev 0; 9/99
MAX106 MAXIM-MAX106 Datasheet
758Kb / 32P
   짹5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
19-1486; Rev 0; 7/99
logo
Analog Devices
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
   250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Analog Devices
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
   8-Bit ADC with Track/Hold Function
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
   5 s 8-Bit ADC with Track/Hold
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com