Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX104 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX104
Description  ±5V, 1Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 1 page
background image
For the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX104 PECL-compatible, 1Gsps, 8-bit analog-to-
digital converter (ADC) allows accurate digitizing of
analog signals with bandwidths to 2.2GHz. Fabricated
on Maxim’s proprietary advanced GST-2 bipolar
process, the MAX104 integrates a high-performance
track/hold (T/H) amplifier and a quantizer on a single
monolithic die.
The innovative design of the internal T/H, which has an
exceptionally wide 2.2GHz full-power input bandwidth,
results in high performance (greater than 7.5 effective
bits) at the Nyquist frequency. A fully differential com-
parator design and decoding circuitry reduce out-of-
sequence code errors (thermometer bubbles or sparkle
codes) and provide excellent metastable performance
of one error per 1016 clock cycles. Unlike other ADCs
that can have errors resulting in false full- or zero-scale
outputs, the MAX104 limits the error magnitude to
1LSB.
The analog input is designed for either differential or
single-ended use with a ±250mV input voltage range.
Dual, differential, PECL-compatible output data paths
ensure easy interfacing and include an 8:16 demulti-
plexer feature that reduces output data rates to one-half
the sampling clock rate. The PECL outputs can be
operated from any supply between +3V to +5V for com-
patibility with +3.3V or +5V referenced systems. Control
inputs are provided for interleaving additional MAX104
devices to increase the effective system sampling rate.
The MAX104 is packaged in a 25mm x 25mm, 192-con-
tact Enhanced Super-Ball Grid Array (ESBGA™) and is
specified over the commercial (0°C to +70°C) tempera-
ture range.
Applications
Digital RF/IF Signal Processing
Direct RF Downconversion
High-Speed Data Acquisition
Digital Oscilloscopes
High-Energy Physics
Radar/Sonar/ECM Systems
ATE Systems
Features
o 1Gsps Conversion Rate
o 2.2GHz Full-Power Analog Input Bandwidth
o >7.5 Effective Bits at fIN = 500MHz (Nyquist
Frequency)
o ±0.25LSB INL and DNL
o 50
Ω Differential Analog Inputs
o ±250mV Input Signal Range
o On-Chip, +2.5V Precision Bandgap Voltage
Reference
o Latched, Differential PECL Digital Outputs
o Low Error Rate: 10-16 Metastable States at 1Gsps
o Selectable 8:16 Demultiplexer
o Internal Demux Reset Input with Reset Output
o 192-Contact ESBGA Package
±5V, 1Gsps, 8-Bit ADC with
On-Chip 2.2GHz Track/Hold Amplifier
________________________________________________________________
Maxim Integrated Products
1
ESBGA
TOP VIEW
MAX104
19-1459; Rev 1; 5/99
PART
MAX104CHC
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
192 ESBGA
EVALUATION
KIT
AVAILABLE
Typical Operating Circuit appears at end of data sheet.
192-Contact ESBGA
Ball Assignment Matrix
Ordering Information
ESBGA is a trademark of Amkor/Anam.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX106±5V 600Msps 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX108±5V 1.5Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
L9805Super Smart Power Motor Driver with 8-BIT MCU CAN Interface 16K EPROM 256Bytes RAM 128 Bytes EEPROM 10 Bit ADC WDG 2 Timers 2 PWM Modules Ful 1 2 3 4 5 MoreSTMicroelectronics
ST72104G8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY ADC 16-BIT TIMERS SPI I2C INTERFACES 1 2 3 4 5 MoreSTMicroelectronics
ST7263BLOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM UP TO 512 BYTES RAM 8-BIT ADC WDG TIMER SCI & I²C 1 2 3 4 5 MoreSTMicroelectronics
CXD2301Q8-bit 30MSPS Video A/D Converter with Built-in Amplifier/Clamp 1 2 3 4 5 MoreSony Corporation
HB7121BELECTRONICSCMOS IMAGE SENSOR With 8-bit ADC 1 2 3 4 5 MoreHynix Semiconductor
MAX101500Msps 8-Bit ADC with Track/Hold 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl