Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAL74 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAL74
Description  High-speed diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAL74 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAL74_15 Datasheet HTML 1Page - NXP Semiconductors BAL74_15 Datasheet HTML 2Page - NXP Semiconductors BAL74_15 Datasheet HTML 3Page - NXP Semiconductors BAL74_15 Datasheet HTML 4Page - NXP Semiconductors BAL74_15 Datasheet HTML 5Page - NXP Semiconductors BAL74_15 Datasheet HTML 6Page - NXP Semiconductors BAL74_15 Datasheet HTML 7Page - NXP Semiconductors BAL74_15 Datasheet HTML 8Page - NXP Semiconductors BAL74_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2003 Dec 17
3
NXP Semiconductors
Product data sheet
High-speed diode
BAL74
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Device mounted on an FR4 printed-circuit board.
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1.
Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX. UNIT
VRRM
repetitive peak reverse voltage
50
V
VR
continuous reverse voltage
50
V
IF
continuous forward current
see Fig.2; note 1
215
mA
IFRM
repetitive peak forward current
500
mA
IFSM
non-repetitive peak forward current
square wave; Tj = 25 °C prior to surge;
see Fig.4
tp = 1 µs
4
A
tp = 1 ms
1
A
tp = 1 s
0.5
A
Ptot
total power dissipation
Tamb = 25 °C; note 1
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
see Fig.3
IF = 1 mA
715
mV
IF = 10 mA
855
mV
IF = 50 mA
1
V
IF = 150 mA
1.25
V
IR
reverse current
see Fig.5
VR = 50 V
0.1
µA
VR = 50 V; Tj = 150 °C
100
µA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
2
pF
trr
reverse recovery time
when switched from IF = 10 mA to IR = 10 mA;
RL = 100 Ω; measured at IR = 1 mA; see Fig.7
4
ns
Vfr
forward recovery voltage
when switched from IF = 10 mA; tr = 20 ns; see Fig.8 1.75
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-tp)
thermal resistance from junction to tie-point
330
K/W
Rth(j-a)
thermal resistance from junction to ambient
note 1
500
K/W


Similar Part No. - BAL74_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAL74W PHILIPS-BAL74W Datasheet
57Kb / 12P
   High-speed diode
1999 May 05
logo
Guangdong Kexin Industr...
BAL74W KEXIN-BAL74W Datasheet
48Kb / 2P
   High-speed diode
logo
NXP Semiconductors
BAL74 PHILIPS-BAL74_03 Datasheet
66Kb / 9P
   High-speed diode
2003 Dec 17
logo
Infineon Technologies A...
BAL74 INFINEON-BAL74_07 Datasheet
70Kb / 6P
   Silicon Switching Diode
2007-04-19
More results

Similar Description - BAL74_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
   High-speed diode
1996 Sep 03
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
   High-speed diode
1999 May 26
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
   High-speed diode
1996 Sep 10
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
   High-speed diode
1998 Mar 26
logo
Leshan Radio Company
LBAS316T1G LRC-LBAS316T1G_15 Datasheet
236Kb / 4P
   High-speed diode
logo
NXP Semiconductors
PMBD6050 PHILIPS-PMBD6050_15 Datasheet
131Kb / 10P
   High-speed diode
2004 Jan 14
logo
SEMTECH ELECTRONICS LTD...
BAS32L SEMTECH_ELEC-BAS32L Datasheet
276Kb / 4P
   HIGH SPEED DIODE
logo
Nexperia B.V. All right...
PMBD6050 NEXPERIA-PMBD6050 Datasheet
313Kb / 1P
   High-speed diode
2004 Jan 14
logo
NXP Semiconductors
BAL74 PHILIPS-BAL74 Datasheet
56Kb / 12P
   High-speed diode
1999 May 26
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
   High-speed diode
1998 Aug 31
BAL99W PHILIPS-BAL99W Datasheet
58Kb / 12P
   High-speed diode
1999 May 06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com