Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX101A Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX101A
Description  500Msps, 8-Bit ADC with Track/Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX101A Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX101A Datasheet HTML 7Page - Maxim Integrated Products MAX101A Datasheet HTML 8Page - Maxim Integrated Products MAX101A Datasheet HTML 9Page - Maxim Integrated Products MAX101A Datasheet HTML 10Page - Maxim Integrated Products MAX101A Datasheet HTML 11Page - Maxim Integrated Products MAX101A Datasheet HTML 12Page - Maxim Integrated Products MAX101A Datasheet HTML 13Page - Maxim Integrated Products MAX101A Datasheet HTML 14Page - Maxim Integrated Products MAX101A Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
_______________Detailed Description
Converter Operation
The parallel or “flash” architecture used by the MAX101A
provides the fastest multibit conversion of all common
integrated ADC designs. The basic element of a flash, as
with all other ADC architectures, is the comparator, which
has a positive input, a negative input, and an output. If
the voltage at the positive input is higher than the nega-
tive input (connected to a reference), the output will be
high. If the positive input voltage is lower than the refer-
ence, the output will be low. A typical n-bit flash consists
of 2n - 1 comparators with negative inputs evenly spaced
at 1LSB increments from the bottom to the top of the ref-
erence ladder. For n = 8, there are 255 comparators.
For any input voltage, all the comparators with negative
inputs connected to the reference ladder below the
input voltage will have outputs of 1 and all comparators
with negative inputs above the input voltage will have
outputs of 0. Decode logic is provided to convert this
information into a parallel n-bit digital word (the output)
corresponding to the number of LSBs (minus 1) that the
input voltage is above the bottom of the ladder.
The comparators contain latch circuitry and are
clocked. This allows the comparators to function as
described previously when, for example, clock is low.
When clock goes high (samples) the comparator will
latch and hold its state until the clock goes low again.
The MAX101A uses a monolithic, dual-interleaved par-
allel quantizer chip with two separate 8-bit converters.
These converters deliver results to the A and B output
latches on alternate negative edges of the input clock.
Track/Hold
As with all ADCs, if the input waveform is changing
rapidly during the conversion, the effective bits and
SNR will decrease. The MAX101A has an internal
track/hold (T/H) that increases attainable effective-bits
performance and allows more accurate capture of ana-
log data at high conversion rates.
The internal T/H circuit provides two important circuit
functions for the MAX101A:
1) Its nominal voltage gain of 4 reduces the input dri-
ving signal to ±250mV differential (assuming a
±0.95V reference).
2) It provides a differential 50
Ω input that allows easy
interface to the MAX101A.
Data Flow
The MAX101A’s internal T/H amplifier samples the ana-
log input voltage for the ADC to convert. The T/H is split
into two sections that operate on alternate negative
clock edges. The input clock, CLK, is conditioned by
the T/H and fed to the A/D section. The output clock,
DCLK, used for output data timing, will be divided by 2
or 10 from the input clock (Table 1). This results in an
output data rate of 250Mbps on each output port in nor-
mal mode and 50Mbps in test mode. The differential
inputs, AIN+ and AIN-, are tracked continuously
between data samples. When a negative strobe edge is
sensed, one-half of the T/H goes into hold mode (Figure
4). When the strobe is low, the just-acquired sample is
presented to the ADC’s input comparators. Internal pro-
cessing of the sampled data takes an additional 15
clock cycles before it is available at the outputs, AData
and BData. See Figures 1–3 for timing.
__________Applications Information
Analog Input Ranges
Although the normal operating range is ±250mV, the
MAX101A can be operated with up to ±500mV on each
input with respect to ground. This extended input level
includes the analog signal and any DC common-mode
voltage.
To obtain full-scale digital output with differential
input drive, a nominal +250mV must be applied
between AIN+ and AIN-. That is, AIN+ = +125mV and
AIN- = -125mV (with no DC offset). Mid-scale digital
output code occurs when there is no voltage difference
across the analog inputs. Zero-scale digital output
code, with differential -250mV drive, occurs when AIN+
= -125mV and AIN- = +125mV. Table 2 shows how the
output of the converter stays at all ones (full scale)
when over-ranged or all zeros (zero scale) when under-
ranged.
Table 1. Output Mode Control
* Input clocks (CLK, CLK) = 500MHz for all above combinations. In
all modes, the output clock DCLK will be a 50% duty-cycle signal.
500Msps, 8-Bit ADC with Track/Hold
______________________________________________________________________________________
11
DIV10
DCLK*
(MHz)
DESCRIPTION
OPEN
250
AData and BData valid on oppo-
site DCLK edges (AData on rise,
BData on fall).
GND
50
AData and BData valid on oppo-
site DCLK edges (AData on rise,
BData on fall). Data sampled at
input CLK rate but 4 out of every
5 samples discarded.
MODE
Normal
Divide
by 2
Test
Divide
by 10


Similar Part No. - MAX101A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX101A MAXIM-MAX101A Datasheet
198Kb / 16P
   On-Board Reference Generator/Buffer
Rev 1; 7/96
MAX101AEVKIT MAXIM-MAX101AEVKIT Datasheet
198Kb / 16P
   On-Board Reference Generator/Buffer
Rev 1; 7/96
More results

Similar Description - MAX101A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Analog Devices
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
   250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
logo
Analog Devices
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
   8-Bit ADC with Track/Hold Function
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
   5 s 8-Bit ADC with Track/Hold
REV. B
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575 Datasheet
146Kb / 12P
   LC2MOS 5 us 8-Bit ADC with Track/Hold
REV. B
logo
Maxim Integrated Produc...
MX7821 MAXIM-MX7821 Datasheet
236Kb / 8P
   660ns 關P-Compatible, 8-Bit ADC with Track/Hold
19-4330; Rev 1; 7/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com