Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGIB10B60KD1P Datasheet(PDF) 11 Page - International Rectifier

Part # IRGIB10B60KD1P
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGIB10B60KD1P Datasheet(HTML) 11 Page - International Rectifier

Back Button IRGIB10B60KD1P_15 Datasheet HTML 5Page - International Rectifier IRGIB10B60KD1P_15 Datasheet HTML 6Page - International Rectifier IRGIB10B60KD1P_15 Datasheet HTML 7Page - International Rectifier IRGIB10B60KD1P_15 Datasheet HTML 8Page - International Rectifier IRGIB10B60KD1P_15 Datasheet HTML 9Page - International Rectifier IRGIB10B60KD1P_15 Datasheet HTML 10Page - International Rectifier IRGIB10B60KD1P_15 Datasheet HTML 11Page - International Rectifier IRGIB10B60KD1P_15 Datasheet HTML 12Page - International Rectifier IRGIB10B60KD1P_15 Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
IRGIB10B60KD1P
www.irf.com
11
Fig. WF3- Typ. Diode Recovery Waveform
@ TJ = 150°C using Fig. CT.4
Fig. WF4- Typ. S.C Waveform
@ TC = 150°C using Fig. CT.3
Fig. WF1- Typ. Turn-off Loss Waveform
@ TJ = 150°C using Fig. CT.4
Fig. WF2- Typ. Turn-on Loss Waveform
@ TJ = 150°C using Fig. CT.4
0
100
200
300
400
0.00
10.00
20.00
30.00
40.00
50.00
Time (uS)
0
50
100
150
200
-200
-100
0
100
200
300
400
500
600
0.4
0.6
0.8
1
1.2
Time (uS)
-5
-2.5
0
2.5
5
7.5
10
12.5
15
tf
Eoff Loss
90% Ice
5% Vce
5% Ice
Vce
Ice
-100
0
100
200
300
400
500
600
0.05
0.15
0.25
0.35
Time (uS)
-5
0
5
10
15
20
25
30
Eon
Loss
tr
90% Ice
10% Ice
5% Vce
Vce
Ice
-600
-500
-400
-300
-200
-100
0
100
0.20
0.30
0.40
0.50
0.60
Time (uS)
-20
-15
-10
-5
0
5
10
15
QRR
tRR
Peak
IRR
10% Peak
IRR


Similar Part No. - IRGIB10B60KD1P_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGIB10B60KD1PBF IRF-IRGIB10B60KD1PBF Datasheet
444Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGIB10B60KD1P_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com