Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1PS300 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 1PS300
Description  Dual high-speed switching diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS300 Datasheet(HTML) 3 Page - NXP Semiconductors

  1PS300_15 Datasheet HTML 1Page - NXP Semiconductors 1PS300_15 Datasheet HTML 2Page - NXP Semiconductors 1PS300_15 Datasheet HTML 3Page - NXP Semiconductors 1PS300_15 Datasheet HTML 4Page - NXP Semiconductors 1PS300_15 Datasheet HTML 5Page - NXP Semiconductors 1PS300_15 Datasheet HTML 6Page - NXP Semiconductors 1PS300_15 Datasheet HTML 7Page - NXP Semiconductors 1PS300_15 Datasheet HTML 8Page - NXP Semiconductors 1PS300_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1PS300
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 5 March 2012
3 of 11
NXP Semiconductors
1PS300
Dual high-speed switching diode
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Single diode loaded.
[3]
Double diode loaded.
[4]
Tj =25 C before surge.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7.
Characteristics
[1]
When switched from IF = 10 mA to IR =10mA; RL = 100 ; measured at IR =1mA.
[2]
When switched from IF =10mA; tr =20ns.
Per device
Ptot
total power dissipation
Tamb  25 C
[1] -300
mW
Tj
junction temperature
-
150
C
Tamb
ambient temperature
55
+150
C
Tstg
storage temperature
65
+150
C
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
415
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
200
K/W
Table 7.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF = 1 mA
-
610
-
mV
IF = 10 mA
-
740
-
mV
IF = 50 mA
--1.0
V
IF = 100 mA
--1.2
V
IR
reverse current
VR = 25 V
--30
nA
VR = 80 V
--0.5
A
VR =25V; Tj =150 C
--30
A
VR =80V; Tj =150 C
-
-
100
A
Cd
diode capacitance
f = 1 MHz; VR = 0 V
--2
pF
trr
reverse recovery time
[1] --4
ns
VFR
forward recovery voltage
[2] --1.75
V


Similar Part No. - 1PS300_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 26
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
   High-speed double diode
1996 Oct 04
logo
Nexperia B.V. All right...
1PS300 NEXPERIA-1PS300 Datasheet
749Kb / 11P
   Dual high-speed switching diode
Rev. 5 - 5 March 2012
More results

Similar Description - 1PS300_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS302 PHILIPS-1PS302_15 Datasheet
212Kb / 11P
   Dual high-speed switching diode
Rev. 6-23 July 2012
1PS301 PHILIPS-1PS301_15 Datasheet
236Kb / 11P
   Dual high-speed switching diode
Rev. 5-6 March 2012
logo
Nexperia B.V. All right...
1PS302 NEXPERIA-1PS302 Datasheet
787Kb / 11P
   Dual high-speed switching diode
Rev. 6 - 23 July 2012
1PS300 NEXPERIA-1PS300 Datasheet
749Kb / 11P
   Dual high-speed switching diode
Rev. 5 - 5 March 2012
1PS301 NEXPERIA-1PS301 Datasheet
810Kb / 11P
   Dual high-speed switching diode
Rev. 5 - 6 March 2012
BAS16DY NEXPERIA-BAS16DY Datasheet
212Kb / 9P
   High-speed dual switching diode
20 April 2023
BAS16DY-Q NEXPERIA-BAS16DY-Q Datasheet
204Kb / 9P
   High-speed dual switching diode
20 April 2023
logo
Central Semiconductor C...
BAS28 CENTRAL-BAS28 Datasheet
49Kb / 2P
   DUAL, ISOLATED HIGH SPEED SWITCHING DIODE
logo
Nexperia B.V. All right...
BAW56QA NEXPERIA-BAW56QA Datasheet
701Kb / 13P
   Dual common anode high-speed switching diode
BAV70QA NEXPERIA-BAV70QA Datasheet
692Kb / 12P
   Dual common cathode high-speed switching diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com