Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX038 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX038
Description  High-Frequency Waveform Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX038 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX038 Datasheet HTML 3Page - Maxim Integrated Products MAX038 Datasheet HTML 4Page - Maxim Integrated Products MAX038 Datasheet HTML 5Page - Maxim Integrated Products MAX038 Datasheet HTML 6Page - Maxim Integrated Products MAX038 Datasheet HTML 7Page - Maxim Integrated Products MAX038 Datasheet HTML 8Page - Maxim Integrated Products MAX038 Datasheet HTML 9Page - Maxim Integrated Products MAX038 Datasheet HTML 10Page - Maxim Integrated Products MAX038 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
High-Frequency Waveform Generator
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
*
The five GND pins are not internally connected. Connect all five GND pins to a quiet ground close to the device. A ground plane is
recommended (see Layout Considerations).
0
-100
0
20
60
100
OUTPUT SPECTRUM, SINE WAVE
(Fo = 11.5MHz)
-80
-20
FREQUENCY (MHz)
40
80
-40
-60
-10
-30
-50
-70
-90
10
30
50
70
90
RIN = 15kΩ (VIN = 2.5V), CF = 20pF,
VDADJ = 40mV, VFADJ = -3V
0
-100
0
10
30
50
OUTPUT SPECTRUM, SINE WAVE
(Fo = 5.9kHz)
-80
-20
FREQUENCY (kHz)
20
40
-40
-60
-10
-30
-50
-70
-90
5
15
25
35
45
RIN = 51kΩ (VIN = 2.5V), CF = 0.01µF,
VDADJ = 50mV, VFADJ = 0V
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, V+ = DV+ = 5V, V- = -5V, VDADJ = VFADJ = VPDI = VPDO = 0V, RL = 1kΩ, CL = 20pF, TA = +25°C, unless
otherwise noted.)
-5V supply input
V-
20
Sine, square, or triangle output
OUT
19
+5V supply input
V+
17
Digital +5V supply input. Can be left open if SYNC is not used.
DV+
16
Digital ground
DGND
15
TTL/CMOS-compatible output, referenced between DGND and DV+. Permits the internal oscillator to be
synchronized with an external signal. Leave open if unused.
SYNC
14
Current input for frequency control
IIN
10
Phase detector output. Connect to GND if phase detector is not used.
PDO
12
Phase detector reference clock input. Connect to GND if phase detector is not used.
PDI
13
External capacitor connection
COSC
5
Duty-cycle adjust input
DADJ
7
Frequency adjust input
FADJ
8
Waveform selection input; TTL/CMOS compatible
A1
4
Waveform selection input; TTL/CMOS compatible
A0
3
PIN
Ground*
GND
2, 6, 9,
11, 18
2.50V bandgap voltage reference output
REF
1
FUNCTION
NAME


Similar Part No. - MAX038

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX038 MAXIM-MAX038 Datasheet
106Kb / 8P
   Evaluation Kit
1196
MAX038CCP MAXIM-MAX038CCP Datasheet
106Kb / 8P
   Evaluation Kit
1196
MAX038CPP MAXIM-MAX038CPP Datasheet
106Kb / 8P
   Evaluation Kit
1196
MAX038EVKIT MAXIM-MAX038EVKIT Datasheet
120Kb / 9P
   MAX038 Evaluation Kit
1996
MAX038EVKIT-DIP MAXIM-MAX038EVKIT-DIP Datasheet
120Kb / 9P
   MAX038 Evaluation Kit
1996
More results

Similar Description - MAX038

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
   Programmable Frequency Scan Waveform Generator
AD5932 AD-AD5932_15 Datasheet
433Kb / 28P
   Programmable Frequency Scan Waveform Generator
REV. A
AD5932 AD-AD5932 Datasheet
473Kb / 28P
   Programmable Frequency Scan Waveform Generator
REV. 0
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
   WAVEFORM GENERATOR
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
logo
Analog Devices
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
   Precision Waveform Generator
XR-8038A EXAR-XR-8038A Datasheet
26Kb / 4P
   Precision Waveform Generator
logo
Keysight Technologies
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com