Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX038EWP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX038EWP
Description  High-Frequency Waveform Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX038EWP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX038EWP Datasheet HTML 1Page - Maxim Integrated Products MAX038EWP Datasheet HTML 2Page - Maxim Integrated Products MAX038EWP Datasheet HTML 3Page - Maxim Integrated Products MAX038EWP Datasheet HTML 4Page - Maxim Integrated Products MAX038EWP Datasheet HTML 5Page - Maxim Integrated Products MAX038EWP Datasheet HTML 6Page - Maxim Integrated Products MAX038EWP Datasheet HTML 7Page - Maxim Integrated Products MAX038EWP Datasheet HTML 8Page - Maxim Integrated Products MAX038EWP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
High-Frequency Waveform Generator
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, GND = DGND = 0V, V+ = DV+ = 5V, V- = -5V, VDADJ = VFADJ = VPDI = VPDO = 0V, CF = 100pF,
RIN = 25kΩ, RL = 1kΩ, CL = 20pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Frequency Temperature
Coefficient
∆Fo/°C
200
ppm/°C
600
IIN Offset Voltage
VIN
±1.0
±2.0
mV
Frequency Programming
Current
IIN
1.25
375
µA
(
∆Fo/Fo)
∆V+
±0.4
±2.00
Frequency Power-Supply
Rejection
(
∆Fo/Fo)
∆V-
±0.2
±1.00
%/V
Output Peak-to-Peak Symmetry
VOUT
±4
mV
Maximum Operating Frequency
Fo
20.0
40.0
MHz
2.50
750
Output Resistance
ROUT
0.1
0.2
Output Short-Circuit Current
IOUT
40
mA
Amplitude
VOUT
1.9
2.0
2.1
VP-P
Rise Time
tR
12
ns
Fall Time
tF
12
ns
Duty Cycle
dc
47
50
53
%
Amplitude
VOUT
1.9
2.0
2.1
VP-P
Nonlinearity
0.5
%
Duty Cycle
dc
47
50
53
%
CONDITIONS
VFADJ = -3V
VFADJ = 0V
VFADJ = -3V
V- = -5V, V+ = 4.75V to 5.25V
V+ = 5V, V- = -4.75V to -5.25V
Short circuit to GND
10% to 90%
90% to 10%
VDADJ = 0V, dc = tON/t x 100%
15pCF
≤ 15pF, IIN = 500µA
VFADJ = 0V
Fo = 100kHz, 5% to 95%
VDADJ = 0V (Note 1)
V+ to GND ................................................................-0.3V to +6V
DV+ to DGND...........................................................-0.3V to +6V
V- to GND .................................................................+0.3V to -6V
Pin Voltages
IIN, FADJ, DADJ, PDO .....................(V- - 0.3V) to (V+ + 0.3V)
COSC .....................................................................+0.3V to V-
A0, A1, PDI, SYNC, REF.........................................-0.3V to V+
GND to DGND ................................................................±0.3V
Maximum Current into Any Pin .........................................±50mA
OUT, REF Short-Circuit Duration to GND, V+, V- ...............30sec
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 11.11mW/°C above +70°C) ..........889mW
SO (derate 10.00mW/°C above +70°C) .......................800mW
CERDIP (derate 11.11mW/°C above +70°C) ...............889mW
Operating Temperature Ranges
MAX038C_ _ .......................................................0°C to +70°C
MAX038E_ _ ....................................................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Amplitude
VOUT
1.9
2.0
2.1
VP-P
Duty cycle adjusted to 50%
0.75
Total Harmonic Distortion
THD
Duty cycle unadjusted
1.50
%
Fo/°C
FREQUENCY CHARACTERISTICS
OUTPUT AMPLIFIER (applies to all waveforms)
SQUARE-WAVE OUTPUT (RL = 100Ω)
TRIANGLE-WAVE OUTPUT (RL = 100Ω)
SINE-WAVE OUTPUT (RL = 100Ω)


Similar Part No. - MAX038EWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX038EVKIT MAXIM-MAX038EVKIT Datasheet
120Kb / 9P
   MAX038 Evaluation Kit
1996
MAX038EVKIT-DIP MAXIM-MAX038EVKIT-DIP Datasheet
120Kb / 9P
   MAX038 Evaluation Kit
1996
More results

Similar Description - MAX038EWP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
   Programmable Frequency Scan Waveform Generator
AD5932 AD-AD5932_15 Datasheet
433Kb / 28P
   Programmable Frequency Scan Waveform Generator
REV. A
AD5932 AD-AD5932 Datasheet
473Kb / 28P
   Programmable Frequency Scan Waveform Generator
REV. 0
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
   WAVEFORM GENERATOR
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
logo
Analog Devices
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
   Precision Waveform Generator
XR-8038A EXAR-XR-8038A Datasheet
26Kb / 4P
   Precision Waveform Generator
logo
Keysight Technologies
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com