Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1003 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1003
Description  Low-Power, 90Msps, Dual 6-Bit ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1003 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1003 Datasheet HTML 1Page - Maxim Integrated Products MAX1003 Datasheet HTML 2Page - Maxim Integrated Products MAX1003 Datasheet HTML 3Page - Maxim Integrated Products MAX1003 Datasheet HTML 4Page - Maxim Integrated Products MAX1003 Datasheet HTML 5Page - Maxim Integrated Products MAX1003 Datasheet HTML 6Page - Maxim Integrated Products MAX1003 Datasheet HTML 7Page - Maxim Integrated Products MAX1003 Datasheet HTML 8Page - Maxim Integrated Products MAX1003 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Power, 90Msps, Dual 6-Bit ADC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V ±5%, VCCO = 3.3V ±300mV, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ............................................................-0.3V to 6.5V
VCCO to OGND ........................................................-0.3V to 6.5V
GND to OGND ........................................................-0.3V to 0.3V
Digital and Clock Output Pins to OGND...-0.3V to VCCO (10sec)
All Other Pins to GND...............................................-0.3V to VCC
Continuous Power Dissipation (TA = +70°C)
SSOP (derate 11.8mW/°C above +70°C) ...................941mW
Operating Temperature Range...............................0°C to +70°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, <10sec)...........................+300°C
CONDITIONS
LSB
-0.5
±0.25
0.5
INL
Integral Nonlinearity
Bits
6
RES
Resolution
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
GAIN = open (mid gain)
GAIN = VCC (high gain)
No missing codes over temperature
237.5
250
262.5
VFSM
118.75
125
131.25
VFSH
LSB
-0.5
±0.25
0.5
DNL
Differential Nonlinearity
Other analog input driven with external source
(Note 2)
Guaranteed by design
V
1.75
2.75
VCM
GAIN = GND (low gain)
Common-Mode Voltage Range
pF
3
5
CIN
Input Capacitance
k
13
20
29
RIN
Input Resistance
V
2.25
2.35
2.45
VAOC
Input Open-Circuit Voltage
mVp-p
475
500
525
VFSL
Full-Scale Input Range
Other oscillator input tied to VCC + 0.3V
ISOURCE = 50µA
V
0.7VCCO
VOH
Digital Outputs Logic-High
Voltage
k
4.8
8
12.1
ROSC
Oscillator Input Resistance
ISINK = 400µA
V
0.5
VOL
Digital Outputs Logic-Low
Voltage
VCC = 4.75V to 5.25V (Note 3)
20MHz, full-scale I and Q analog inputs,
CL = 15pF (Note 4)
mW
350
PD
Power Dissipation
mA
21
ICCO
Digital Outputs Supply Current
dB
-75
-40
PSRR
Power-Supply Rejection Ratio
mA
63
104
ICC
Supply Current
DC ACCURACY (Note 1)
INVERTING AND NONINVERTING ANALOG INPUTS
OSCILLATOR INPUTS
DIGITAL OUTPUTS (DI0–DI5, DQ0–DQ5)
POWER SUPPLY


Similar Part No. - MAX1003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1003 MAXIM-MAX1003 Datasheet
93Kb / 8P
   User-Selectable ADC Full-Scale Gain Ranges
Rev 0; 6/97
MAX1003EVKIT-SO MAXIM-MAX1003EVKIT-SO Datasheet
93Kb / 8P
   User-Selectable ADC Full-Scale Gain Ranges
Rev 0; 6/97
More results

Similar Description - MAX1003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1011 MAXIM-MAX1011 Datasheet
111Kb / 12P
   Low-Power, 90Msps, 6-Bit ADC
19-1335; Rev 0a; 2/98
MAX1002 MAXIM-MAX1002 Datasheet
106Kb / 12P
   Low-Power, 60Msps, Dual, 6-Bit ADC
19-1270; Rev 0; 7/97
logo
Linear Technology
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
logo
Maxim Integrated Produc...
MAX1191 MAXIM-MAX1191 Datasheet
492Kb / 27P
   Ultra-Low-Power, 7.5Msps, Dual 8-Bit ADC
Rev 1; 9/03
logo
Linear Technology
LTC2283 LINER-LTC2283_15 Datasheet
580Kb / 24P
   Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Maxim Integrated Produc...
MAX1192 MAXIM-MAX1192 Datasheet
620Kb / 28P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
Rev 1; 9/03
logo
Linear Technology
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
   Dual 10-Bit, 125Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com