Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGB4060DPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRGB4060DPBF
Description  Low Switching Losses
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGB4060DPBF Datasheet(HTML) 4 Page - International Rectifier

  IRGB4060DPBF_15 Datasheet HTML 1Page - International Rectifier IRGB4060DPBF_15 Datasheet HTML 2Page - International Rectifier IRGB4060DPBF_15 Datasheet HTML 3Page - International Rectifier IRGB4060DPBF_15 Datasheet HTML 4Page - International Rectifier IRGB4060DPBF_15 Datasheet HTML 5Page - International Rectifier IRGB4060DPBF_15 Datasheet HTML 6Page - International Rectifier IRGB4060DPBF_15 Datasheet HTML 7Page - International Rectifier IRGB4060DPBF_15 Datasheet HTML 8Page - International Rectifier IRGB4060DPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRGB4060DPbF
4
www.irf.com
Fig. 9 - Typical VCE vs. VGE
TJ = -40°C
Fig. 7 - Typ. IGBT Output Characteristics
TJ = 175°C; tp = 80µs
Fig. 10 - Typical VCE vs. VGE
TJ = 25°C
Fig. 8 - Typ. Diode Forward Characteristics
tp = 80µs
Fig. 12 - Typ. Transfer Characteristics
VCE = 50V; tp = 10µs
Fig. 11 - Typical VCE vs. VGE
TJ = 175°C
02468
VCE (V)
0
5
10
15
20
25
30
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
510
15
20
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 4.0A
ICE = 8.0A
ICE = 16A
510
15
20
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 4.0A
ICE = 8.0A
ICE = 16A
510
15
20
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 4.0A
ICE = 8.0A
ICE = 16A
0
5
10
15
VGE (V)
0
5
10
15
20
25
30
35
TJ = 25°C
TJ = 175°C
0.0
1.0
2.0
3.0
4.0
VF (V)
0
10
20
30
40
50
60
70
80
-40°C
25°C
175°C


Similar Part No. - IRGB4060DPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4060DPBF IRF-IRGB4060DPBF Datasheet
290Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGB4060DPBF_15

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
   Low switching losses
logo
International Rectifier
IRGB4045DPBF IRF-IRGB4045DPBF_15 Datasheet
387Kb / 10P
   Low Switching Losses
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
   Low Switching Losses
logo
HY ELECTRONIC CORP.
HYG30P120H1K1 HY-HYG30P120H1K1 Datasheet
1Mb / 8P
   low switching losses
HYG75P120D1S HY-HYG75P120D1S Datasheet
474Kb / 4P
   low switching losses
logo
STMicroelectronics
STTH8BC065 STMICROELECTRONICS-STTH8BC065 Datasheet
47Kb / 3P
   low switching losses
November 2010 Rev 1
logo
HY ELECTRONIC CORP.
HYG15P120A1K1 HY-HYG15P120A1K1 Datasheet
1Mb / 8P
   low switching losses
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
   low switching losses and saturation losses
logo
International Rectifier
IRGB4064DPBF IRF-IRGB4064DPBF_15 Datasheet
379Kb / 11P
   Low Switching Losses
IRG7PH35UD1MPBF IRF-IRG7PH35UD1MPBF_15 Datasheet
295Kb / 9P
   Low Switching Losses
IRG7PH35UD1PBF IRF-IRG7PH35UD1PBF_15 Datasheet
320Kb / 10P
   Low Switching Losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com