Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX038CPP Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX038CPP
Description  High-Frequency Waveform Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX038CPP Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX038CPP Datasheet HTML 8Page - Maxim Integrated Products MAX038CPP Datasheet HTML 9Page - Maxim Integrated Products MAX038CPP Datasheet HTML 10Page - Maxim Integrated Products MAX038CPP Datasheet HTML 11Page - Maxim Integrated Products MAX038CPP Datasheet HTML 12Page - Maxim Integrated Products MAX038CPP Datasheet HTML 13Page - Maxim Integrated Products MAX038CPP Datasheet HTML 14Page - Maxim Integrated Products MAX038CPP Datasheet HTML 15Page - Maxim Integrated Products MAX038CPP Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
High-Frequency Waveform Generator
______________________________________________________________________________________
15
OUT1
OUT2
RFB
VREF
VDD
MX7541
GND
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT12
BIT11
BIT10
BIT9
BIT8
BIT7
8.192MHz
4.096MHz
2.048MHz
1.024MHz
512kHz
256kHz
128kHz
64kHz
32kHz
16kHz
8kHz
4kHz
2kHz
1kHz
Figure 6. Crystal-Controlled, Digitally Programmed Frequency Synthesizer—8kHz to 16MHz with 1kHz Resolution


Similar Part No. - MAX038CPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX038CPP MAXIM-MAX038CPP Datasheet
106Kb / 8P
   Evaluation Kit
1196
More results

Similar Description - MAX038CPP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
   Programmable Frequency Scan Waveform Generator
AD5932 AD-AD5932_15 Datasheet
433Kb / 28P
   Programmable Frequency Scan Waveform Generator
REV. A
AD5932 AD-AD5932 Datasheet
473Kb / 28P
   Programmable Frequency Scan Waveform Generator
REV. 0
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
   WAVEFORM GENERATOR
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
logo
Analog Devices
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
   Precision Waveform Generator
XR-8038A EXAR-XR-8038A Datasheet
26Kb / 4P
   Precision Waveform Generator
logo
Keysight Technologies
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com