Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBC-200 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UBC-200
Description  Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UBC-200 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UBC-200_15 Datasheet HTML 1Page - Advantech Co., Ltd. UBC-200_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Optional Accessories
Part Number
Description
96PSA-A36W12R1
ADAPTER 100-240V 36W 12V 3A
1700017968
DC-Jack/Plug-in cable
1960015198T011
DIN-rail for UBC-200
SQF-ISDS1-2G-86E
SQFlash SD card SLC 2G, 1CH (-40 ~ 85° C)
EWM-W142F01E
802.11 b/g/n,AR9287,2T2R,Full size Mini PCIe
1750007050-01
WiFi RP-SMA short SMA Jack(9.5mm) to U.FL_100mm
(WiFi Cable)
1750000318
EMI Antenna 2DBI 2.4GHz SMA CONN for ARK-3384
(WiFi Antenna)
EWM-C106FT01E
Cellular, HSUPA/WCDMA/GPRS,Full Mini PCIe
1750007156-01
Cellular/GPS SMA Short JACK(9.5MM) L=100mm
(3G Cable)
1750005865
Antenna L=10.9cm 50Ohm AN8921F-5701SM
(3G Antenna)
1700001524
Power Cord 3P UL 10A 125V 180cm
170203183C
Power Code 3P Europe (WS-010+WS-083)183cm
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83M
UBC-200
External I/O
Ordering Information
Part No.
CPU
Memory
Flash
Memory
UART
LAN
USB Host
HDMI
Size
Operating
Temperature
UBC-200CD-MDA1E
Freescale i.MX6 Dual 1 GHz
1 GB
4 GB
-
1
1
1
111 x 77 x 30mm
0 ~ 60° C
UBC-200CQ-MEA1E
Freescale i.MX6 Quad 1 GHz
2 GB
4 GB
-
1
1
1
111 x 77 x 30mm
0 ~ 60° C
VCD-in
System LED
HDMI
Reset
USB
SD Socket
LAN
Dimensions
Unit: mm
111.0
30.0


Similar Part No. - UBC-200_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
   NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
More results

Similar Description - UBC-200_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBC-200 ADVANTECH-UBC-200 Datasheet
663Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
   NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
UBC-310 ADVANTECH-UBC-310_15 Datasheet
664Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 Full HD RISC Signage Box
UBC-DS31 ADVANTECH-UBC-DS31_15 Datasheet
635Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 Full HD RISC Signage Box
UBC-220 ADVANTECH-UBC-220_15 Datasheet
438Kb / 2P
   Freescale i.MX6 RISC Compact Box Computer
UBC-220 ADVANTECH-UBC-220 Datasheet
445Kb / 2P
   Freescale i.MX6 RISC Compact Box Computer
RSB-4410 ADVANTECH-RSB-4410 Datasheet
634Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 SBC
RSB-4410 ADVANTECH-RSB-4410_15 Datasheet
634Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 SBC
RSB-4410CD-MDA1E ADVANTECH-RSB-4410CD-MDA1E Datasheet
634Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 SBC
ROM-7420 ADVANTECH-ROM-7420_15 Datasheet
927Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 Qseven Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com