Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG425 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG425
Description  Improved Low-Power, CMOS Analog Switches with Latches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG425 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG425 Datasheet HTML 1Page - Maxim Integrated Products DG425 Datasheet HTML 2Page - Maxim Integrated Products DG425 Datasheet HTML 3Page - Maxim Integrated Products DG425 Datasheet HTML 4Page - Maxim Integrated Products DG425 Datasheet HTML 5Page - Maxim Integrated Products DG425 Datasheet HTML 6Page - Maxim Integrated Products DG425 Datasheet HTML 7Page - Maxim Integrated Products DG425 Datasheet HTML 8Page - Maxim Integrated Products DG425 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Improved Low-Power,
CMOS Analog Switches with Latches
2
_______________________________________________________________________________________
Voltage Referenced to V-
V+ ............................................................ 44V
GND ......................................................... 25V
VL .................................. (GND - 0.3V) to (V+ + 0.3V)
Digital Inputs, VS, VD (Note 1).............. (V- - 2V) to (V+ + 2V)
Current (any terminal, except S or D) .................................30mA
Continuous Current, S or D .................................................20mA
Peak Current, S or D (pulsed at 1ms, 10% duty cycle max)...100mA
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C) . . .842mW
20-Pin PLCC (derate 10.00mW/°C above +70°C) . . . . . 800mW
16-Pin CERDIP (derate 10.00mW/°C above +70°C) . . . 800mW
Operating Temperature Ranges
DG42_C_ .......................................... 0°C to +70°C
DG42_D_ ....................................... -40°C to +85°C
DG42_A_ . ..................................... -55°C to +125°C
Storage Temperature Ranges
DG42_C_/DG42_D_ ........................... -65°C to +125°C
DG42_A_ ..................................... -65°C to +150°C
Lead Temperature (soldering, 10sec).................... +300°C
ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, VL = +5V, GND = 0V, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Note 1: Signals on S, D, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward current to maximum current ratings.
TA = +25°C
TA = TMIN to TMAX
V+ = 13.5V,
V- = -13.5V,
IS = -10mA,
VD = ±10V
rDS(ON)
Drain-Source
On-Resistance
CONDITIONS
SYMBOL
PARAMETER
20
45
DG42_C, DG42_D
MIN
TYP
MAX
(Note 2)
UNITS
45
45
20
35
DG42_A
MIN
TYP
MAX
(Note 2)
TA = +25°C
TA = TMIN to TMAX
V+ = 16.5V,
V- = -16.5V,
IS = -10mA,
VD = ±10V
∆r
DS(ON)
On-Resistance Match
Between Channels
(Note 4)
4
4
3
3
TA = +25°C
TA = TMIN to TMAX
V+ = 15V,
V- = -15V,
IS = -10mA,
VD = ±5V
rFLAT(ON)
On-Resistance
Flatness (Note 4)
5
5
4
4
(Note 3)
VANALOG
Analog Signal Range
V
-15
15
-15
15
TA = +25°C
TA = TMIN to TMAX
V+ = 16.5V,
V- = -16.5V,
VD = ±15.5V,
VS =
15.5V
m
IS(OFF)
Source-Off
Leakage Current
(Note 5)
nA
-5
5
-10
10
-0.50
-0.01
0.50
-0.25
-0.01
0.25
TA = +25°C
TA = TMIN to TMAX
V+ = 16.5V,
V- = -16.5V,
VD = ±15.5V,
VS =
15.5V
m
ID(OFF)
Drain-Off
Leakage Current
(Note 5)
nA
-5
5
-10
10
-0.50
-0.01
0.50
-0.25
-0.01
0.25
TA = +25°C
TA = TMIN to TMAX
V+ = 16.5V,
V- = -16.5V,
VD = ±15.5V,
VS = ±15.5V
ID(ON)
Drain-On
Leakage Current
(Note 5)
nA
-10
10
-20
20
-1.0
-0.04
1.0
-0.40
-0.04
0.40
SWITCH


Similar Part No. - DG425

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DG42-B1A HIROSE-DG42-B1A Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B1AA HIROSE-DG42-B1AA Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B2A HIROSE-DG42-B2A Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B2AA HIROSE-DG42-B2AA Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B3A HIROSE-DG42-B3A Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
More results

Similar Description - DG425

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. E, 14-Jul-97
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. J, 25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com