Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP-8661 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # DSP-8661
Description  16-ch PCIe Versatile Video Processing Board with SDK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DSP-8661 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  DSP-8661_14 Datasheet HTML 1Page - Advantech Co., Ltd. DSP-8661_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DSP Processing Platforms
Features
DSP-8661
16-ch PCIe Versatile
Video Processing
Board with SDK
ƒ Powered by TI TMS320DM8168 SoC
ƒ 16-ch composite video and audio inputs
ƒ H.264 / MJPEG / RAW H/W encoding up to 480fps at D1
ƒ H.264 / MJPEG / RAW H/W decoding up to 480fps at D1
ƒ One HDMI supports AV display up to 1080p at 60fps
ƒ Embedded with 1.0GHz C674X VLIW DSP
ƒ Versatile peripherals: GbE LAN port, SATA, USB 2.0, I2C and UART
ƒ Half-size form factor and fanless H/W design
ƒ Windows / Linux PC driver and SDK with sample codes
Introduction
Designed with TMS320DM8168 SoC, DSP-8661 is a full-functional video processing platform with 16-ch composite video and audio inputs based on a standard half-length
PCIe board form factor. The board supports H.264 / MJPEG / RAW encode / decode up to D1 resolution at a real-time frame rate (30/25fps) for all channels simultaneously. HDMI
provides up to 1080p 60fps video / audio outputs that fulfills high-definition display requirements. Equipped with a high-performance C674X Digital Signal Processor (DSP),
DSP-8661 can manage a system's host processing by executing image enhancement and video analytics programs. The I2C and UART interfaces are designed for extending the
control and indicator functions like RS-485 and DIO (on the optional DIO & Control Board). With an easy-to-use software development kit (SDK), the DSP-8661 is an ideal solution
for system integrators working to implement diverse video-processing related applications that fit a broad spectrum of customer requirements.
Specifications
Video Input
Channels
16
Input Format
Composite for NTSC/PAL
Resolution
Up to D1 (720 x 576)
Compression
H.264/MJPEG/RAW
Max. Frame Rate
480/400 fps (NTSC/PAL) at D1
Bit Rate Control
CBR & VBR
Connectors
DVI x1 (for connecting 16 x BNC + 8 x RCA to DVI octopus cable), Pin header x1 (Alternative for 16-ch video inputs)
Audio Input
Channels
8 + 8 (optional)
Format
RAW
Sampling Rate
Up to 16-bit, 44KHz
Connectors
DVI x1 (8-ch audio shared with video-input connector)
Pin header x1 (for connecting the optional Audio & Loop-out Board; supports the other 8ch audio-in)
Video Output
RCA
1
Loop-out
16-ch pin header on board (connecting the optional Audio & Loop-out Board)
HDMI out
1, resolution up to 1080P, frame rate up to 60fps
Peripherals
GbE Lan Port
RJ-45 x1
USB 2.0 Port
A-type Female x1
SATA Port
x1 (3.0 Gbps)
I2C and UART
Pin-header x1 for connecting the optional DIO and Control Board
Data Bus
PCI Express 2.0, Gen2, x1
Accessories
Cable
16xBNC + 8xRCA to DVI Octopus Cable
Expansion Board
(optional)
JTAG Debug Board (with 1x Board-to-board flat cable)
Audio & Loop-out Board: Audio-out + 8ch Audio-in + 16ch Video Loop-out (with 1x Octopus Cable + 1x Board-to-board flat cable)
DIO & Control Board: 16x DI + 8x DO (Relay) + 1x RS-485 (with 1x Board-to-board flat cable)
Physical Characteristics
Power Consumption
< 26W
Operating Temperature
-20 ~ 70° C / -4 ~ 158° F (with air flow)
Dimensions
140 x 111.15 mm (5.51" x 4.38")
Software
OS Supported by Driver
Linux; Windows XP / XPe / Vista / 7
SDK
User’s Manual, Programming Guide, Sample Codes
Demo Program
16-ch Video Capturing and H.264 Encoding at PCIe Device Mode
Applications
PCIe Device Mode
PCIe digital video capturing & encoding card
PCIe video decoder card with HDMI out
PCIe DSP-based intelligent video analytics card
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 27-Dec-2014


Similar Part No. - DSP-8661_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DSP-8662H ADVANTECH-DSP-8662H_14 Datasheet
1Mb / 2P
   4ch HDMI Video Decoder Card with SDK
DSP-8662 ADVANTECH-DSP-8662_14 Datasheet
943Kb / 2P
   8ch 3G-SDI Video Encoder Card with SDK
DSP-8664-PCSE ADVANTECH-DSP-8664-PCSE Datasheet
437Kb / 2P
   2ch HDMI/SDI Video Encoder Card with SDK
DSP-8664-PCXE ADVANTECH-DSP-8664-PCXE Datasheet
437Kb / 2P
   2ch HDMI/SDI Video Encoder Card with SDK
DSP-8664 ADVANTECH-DSP-8664_15 Datasheet
437Kb / 2P
   2ch HDMI/SDI Video Encoder Card with SDK
More results

Similar Description - DSP-8661_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DVP-7640E ADVANTECH-DVP-7640E Datasheet
1Mb / 2P
   8/16-ch H.264 PCIe Video Capture Card with SDK
DVP-7640 ADVANTECH-DVP-7640 Datasheet
1Mb / 2P
   8/16-ch H.264 PCIe Video Capture Card with SDK
DVP-7642E ADVANTECH-DVP-7642E Datasheet
1,005Kb / 2P
   8/16-ch H.264 PCIe Video Capture Card with SDK
2-May-2017
DVP-7637E ADVANTECH-DVP-7637E Datasheet
535Kb / 2P
   4-ch H.264 PCIe Video Capture Card with SDK
DVP-7637E ADVANTECH-DVP-7637E_V01 Datasheet
550Kb / 2P
   4-ch H.264 PCIe Video Capture Card with SDK
9-Jun-2021
DVP-7310UHF ADVANTECH-DVP-7310UHF Datasheet
740Kb / 2P
   1-ch 4K60 SDVoE SFP PCIe Video Capture Card with SDK
5-Aug-2022
DVP-7111UHE ADVANTECH-DVP-7111UHE Datasheet
535Kb / 2P
   1-ch 4K HDMI 2.0 PCIe Video Capture Card with SDK
15-Jun-2022
DVP-7013E ADVANTECH-DVP-7013E Datasheet
738Kb / 2P
   1-ch H.264/MPEG-4 PCIe Video Capture Card with SDK
DVP-7610HE ADVANTECH-DVP-7610HE Datasheet
3Mb / 2P
   1-ch Full HD H.264 PCIe Video Capture Card with SDK
DVP-7036HE ADVANTECH-DVP-7036HE Datasheet
457Kb / 2P
   4-ch Full HD TVI Mini-PCIe Video Capture Card with SDK
15-Jun-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com