Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG418 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG418
Description  Improved, SPST/SPDT Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG418 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG418 Datasheet HTML 1Page - Maxim Integrated Products DG418 Datasheet HTML 2Page - Maxim Integrated Products DG418 Datasheet HTML 3Page - Maxim Integrated Products DG418 Datasheet HTML 4Page - Maxim Integrated Products DG418 Datasheet HTML 5Page - Maxim Integrated Products DG418 Datasheet HTML 6Page - Maxim Integrated Products DG418 Datasheet HTML 7Page - Maxim Integrated Products DG418 Datasheet HTML 8Page - Maxim Integrated Products DG418 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Improved, SPST/SPDT Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +15V, V- = -15V, VL = 5V, GND = 0V, VINL = 0.8V, VINH = 2.4V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Referenced to V-
V+ .......................................................................................44V
GND....................................................................................25V
VL ..................................................(GND - 0.3V) to (V+ + 0.3V)
Digital Inputs VS, VD (Note 1) .........(V- - 2V) to (V+ + 2V) or 30mA
(whichever occurs first)
Continuous Current (any terminal) (Note 1) ........................30mA
Peak Current, S or D (pulsed at 1ms, 10% duty cycle max)..100mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) .............727mW
SO (derate 5.88mW/°C above +70°C) ..........................471mW
CERDIP (derate 8.00mW/°C above +70°C) ..................640mW
Operating Temperature Ranges
DG41_C_ .............................................................0°C to +70°C
DG41_D_ ..........................................................-40°C to +85°C
DG41_AK ........................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Note 1: Signals on S, D, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward current to maximum current ratings.
DG417/
DG418
-40
40
-10
10
A
A
DG417/
DG418
V+ = 13.5V, V- = -13.5V,
VD = ±10V,
IS = -10mA
DG419
(Note 3)
-0.75
-0.1
0.75
TA = +25°C
C, D
TA = TMIN to
TMAX
V+ = 16.5V,
V- = -16.5V,
VD = ±15.5V,
VS =
15.5V
-40
40
-10
10
A
TA = TMIN to TMAX
V+ = 15V, V- = -15V,
VD = ±10V,
IS = -10mA
4
DG419
V+ = 15V, V- = -15V,
VD = ±5V,
IS = -10mA
V
-0.75
0.75
TA = +25°C
C, D
TA = TMIN to
TMAX
V+ = 16.5V,
V- = -16.5V,
VD = ±15.5V,
VS = ±15.5V
-40
40
-10
10
A
ID(ON)
Drain-On
Leakage Current
(Note 5)
nA
-0.4
0.4
TA = +25°C
C, D
TA = TMIN to
TMAX
-15
15
VS_, VD
CONDITIONS
Analog Signal Range
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
20
30
TA = +25°C
C, D
20
35
RDS(ON)
Drain-Source
On-Resistance
45
TA = +25°C
TA = TMIN to TMAX
6
TA = +25°C
∆RDS(ON)
On-Resistance Match
Between Channels
(Note 4)
3
TA = TMIN to TMAX
RFLAT(ON)
On-Resistance Flatness
(Note 4)
4
V+ = 16.5V, V- = -16.5V,
VD = ±15.5V,
VS =
15.5V
-20
20
-5
5
A
IS(OFF)
Source-Off
Leakage Current
(Note 5)
nA
-0.25
0.25
TA = +25°C
-20
20
C, D
-5
5
TA = TMIN to
TMAX
A
ID(OFF)
Drain-Off
Leakage Current
(Note 5)
nA
-0.25
0.1
0.25
TA = +25°C
C, D
TA = TMIN to
TMAX
SWITCH


Similar Part No. - DG418

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG418 VISHAY-DG418 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG418 VISHAY-DG418 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
DG418B VISHAY-DG418B Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG418B VISHAY-DG418B Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results

Similar Description - DG418

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG41789 MAXIM-DG41789 Datasheet
37Kb / 5P
   IMPROVED, SPST/SPDT ANALOG SWITCHES
19-0179 Rev. C
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG444CJ MAXIM-DG444CJ Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
DG41789S MAXIM-DG41789S Datasheet
31Kb / 5P
   SPST/SPDT ANALOG SWITCHES
19-0501 Rev. A
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com