Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG419 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DG419
Description  Improved, SPST/SPDT Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG419 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DG419 Datasheet HTML 2Page - Maxim Integrated Products DG419 Datasheet HTML 3Page - Maxim Integrated Products DG419 Datasheet HTML 4Page - Maxim Integrated Products DG419 Datasheet HTML 5Page - Maxim Integrated Products DG419 Datasheet HTML 6Page - Maxim Integrated Products DG419 Datasheet HTML 7Page - Maxim Integrated Products DG419 Datasheet HTML 8Page - Maxim Integrated Products DG419 Datasheet HTML 9Page - Maxim Integrated Products DG419 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
__________Applications Information
Operation with Supply Voltages
Other than ±15V
Using supply voltages other than ±15V reduces the
analog signal range. The DG417/DG418/DG419 switch-
es operate with ±4.5V to ±20V bipolar supplies or with
a +10V to +30V single supply; connect V- to 0V when
operating with a single supply. Also, all device types
can operate with unbalanced supplies, such as +24V
and -5V. VL must be connected to +5V to be TTL com-
patible, or to V+ for CMOS-logic level inputs. The
Typical Operating Characteristics graphs show typical
on-resistance with ±20V, ±15V, ±10V, and ±5V sup-
plies. (Switching times increase by a factor of two or
more for operation at ±5V.)
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings because stresses beyond the listed rat-
ings may cause permanent damage to the devices.
Always sequence V+ on first, followed by VL, V-, and
logic inputs. If power-supply sequencing is not possi-
ble, add two small, external signal diodes in series with
the supply pins for overvoltage protection (Figure 1).
Adding diodes reduces the analog signal range to 1V
below V+ and 1V above V-, without affecting low switch
resistance and low leakage characteristics. Device
operation is unchanged, and the difference between
V+ and V- should not exceed +44V.
Improved, SPST/SPDT Analog Switches
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
FUNCTION
DG417
DG418
1
Analog-Switch Source Terminal (normally closed)
PIN
1
Analog-Switch Source Terminal (normally open)
2
2
No Internal Connection
6
6
Logic-Level Input
5
5
Logic-Level Positive Supply Input
4
4
Analog-Signal Positive Supply Input
3
3
Logic Ground
7
7
Analog-Signal Negative Supply Input
V+
D
V-
S
Vg
DG41_
Figure 1. Overvoltage Protection Using External Blocking Diodes
NAME
DG419
S
S
N.C.
6
IN
5
VL
4
V+
3
GND
7
V-
8
8
Analog-Switch Drain Terminal
1
D
Analog-Switch Source Terminal 1 (normally closed)
2
S1
Analog-Switch Source Terminal 2 (normally open)
8
S2


Similar Part No. - DG419

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DG419 AD-DG419 Datasheet
91Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
DG419 AD-DG419 Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
logo
Vishay Siliconix
DG419 VISHAY-DG419 Datasheet
106Kb / 10P
   DG419
Rev. E, 06-Sep-99
DG419 VISHAY-DG419 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG419 VISHAY-DG419 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
More results

Similar Description - DG419

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG41789 MAXIM-DG41789 Datasheet
37Kb / 5P
   IMPROVED, SPST/SPDT ANALOG SWITCHES
19-0179 Rev. C
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG444CJ MAXIM-DG444CJ Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
DG41789S MAXIM-DG41789S Datasheet
31Kb / 5P
   SPST/SPDT ANALOG SWITCHES
19-0501 Rev. A
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com