Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT1202-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # SFT1202-E
Description  Bipolar Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SFT1202-E Datasheet(HTML) 2 Page - ON Semiconductor

  SFT1202-E Datasheet HTML 1Page - ON Semiconductor SFT1202-E Datasheet HTML 2Page - ON Semiconductor SFT1202-E Datasheet HTML 3Page - ON Semiconductor SFT1202-E Datasheet HTML 4Page - ON Semiconductor SFT1202-E Datasheet HTML 5Page - ON Semiconductor SFT1202-E Datasheet HTML 6Page - ON Semiconductor SFT1202-E Datasheet HTML 7Page - ON Semiconductor SFT1202-E Datasheet HTML 8Page - ON Semiconductor SFT1202-E Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SFT1202
No.A1169-2/9
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Dissipation
PC
1W
Tc=25°C15
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=80V, IE=0A
1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
1
μA
DC Current Gain
hFE
VCE=5V, IC=100mA
200
560
Gain-Bandwidth Product
fT
VCE=10V, IC=300mA
140
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
12
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC=1A, IB=100mA
110
165
mV
VCE(sat)2
IC=0.5A, IB=50mA
65
100
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=1A, IB=100mA
0.85
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
180
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=100μA, RBE=0Ω
180
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
150
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
7
V
Turn-ON Time
ton
See specified Test Circuit.
50
ns
Storage Time
tstg
1460
ns
Fall Time
tf
70
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
SFT1202-E
TP
500pcs./bag
Pb Free
SFT1202-TL-E
TP-FA
700pcs./reel
VR
RB
VCC=75V
IC=10IB1= --10IB2=0.5A
VBE= --5V
+
+
50Ω
INPUT
OUTPUT
RL
100μF
470μF
PW=20μs
IB1
D.C.≤1%
IB2


Similar Part No. - SFT1202-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SFT1202 SANYO-SFT1202 Datasheet
62Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
logo
Inchange Semiconductor ...
SFT1202 ISC-SFT1202 Datasheet
262Kb / 3P
   isc Silicon NPN Power Transistor
More results

Similar Description - SFT1202-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com