Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV87706DS50R4G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV87706DS50R4G
Description  Ultra Low Iq 350 mA LDO Regulator with Reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV87706DS50R4G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV87706DS50R4G Datasheet HTML 4Page - ON Semiconductor NCV87706DS50R4G Datasheet HTML 5Page - ON Semiconductor NCV87706DS50R4G Datasheet HTML 6Page - ON Semiconductor NCV87706DS50R4G Datasheet HTML 7Page - ON Semiconductor NCV87706DS50R4G Datasheet HTML 8Page - ON Semiconductor NCV87706DS50R4G Datasheet HTML 9Page - ON Semiconductor NCV87706DS50R4G Datasheet HTML 10Page - ON Semiconductor NCV87706DS50R4G Datasheet HTML 11Page - ON Semiconductor NCV87706DS50R4G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NCV8770
http://onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 16. Power Up/Down Response
TJ = 25°C
VEN = Vin
Rout = 5 kW
Vin
(5 V/div)
Vout
(5 V/div)
TIME (100 ms/div)
VRO
(5 V/div)
Figure 17. PSRR vs. Frequency
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
100000
f, FREQUENCY (Hz)
TJ = 25°C
Vin = 13.2 V $ 0.5 Vpp
Cout = 1 mF
Iout = 1.0 mA
Figure 18. Noise vs. Frequency
0
500
1000
1500
2000
2500
3000
3500
4000
5000
10
100
1000
10000
100000
f, FREQUENCY (Hz)
TJ = 25°C
Vin = 13.2 V
Cout = 1 mF
Iout = 350 mA
Figure 19. Reset Threshold vs. Temperature
4.60
4.65
4.70
4.75
4.80
−40 −20
0
20
40
60
80
100 120 140 160
TJ, JUNCTION TEMPERATURE (°C)
Vin = 13.2 V
Figure 20. Reset Delay Time vs. Temperature
12
14
16
18
20
−40 −20
0
20
40
60
80
100 120 140 160
TJ, JUNCTION TEMPERATURE (°C)
Vin = 13.2 V
4500
13
15
17
19


Similar Part No. - NCV87706DS50R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
NCV87721D5S50R4G ONSEMI-NCV87721D5S50R4G Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
NCV87721D7S ONSEMI-NCV87721D7S Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
More results

Similar Description - NCV87706DS50R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8774-PP ONSEMI-NCV8774-PP Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCV8774C ONSEMI-NCV8774C Datasheet
171Kb / 13P
   LDO Regulator - Ultra Low Iq 350 mA
May, 2020 ??Rev. 2
NCV8774DT33RKG ONSEMI-NCV8774DT33RKG Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCV87725D7S50R4G ONSEMI-NCV87725D7S50R4G Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
NCV8769 ONSEMI-NCV8769 Datasheet
239Kb / 14P
   Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV8675 ONSEMI-NCV8675 Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com