Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8752BMX28TCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV8752BMX28TCG
Description  200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8752BMX28TCG Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8752BMX28TCG Datasheet HTML 1Page - ON Semiconductor NCV8752BMX28TCG Datasheet HTML 2Page - ON Semiconductor NCV8752BMX28TCG Datasheet HTML 3Page - ON Semiconductor NCV8752BMX28TCG Datasheet HTML 4Page - ON Semiconductor NCV8752BMX28TCG Datasheet HTML 5Page - ON Semiconductor NCV8752BMX28TCG Datasheet HTML 6Page - ON Semiconductor NCV8752BMX28TCG Datasheet HTML 7Page - ON Semiconductor NCV8752BMX28TCG Datasheet HTML 8Page - ON Semiconductor NCV8752BMX28TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
NCV8752
http://onsemi.com
2
IN
OUT
BANDGAP
REFERENCE
ACTIVE
DISCHARGE
MOSFET
DRIVER WITH
CURRENT LIMIT
THERMAL
SHUTDOWN
UVLO
ENABLE
LOGIC
EN
GND
AUTO LOW
POWER MODE
EN
DELAY
PG
0.8 V
+
+
Figure 2. Simplified Schematic Block Diagram
PIN FUNCTION DESCRIPTION
Pin No.
XDFN 6
Pin No.
TSOP−5
Pin Name
Description
1
5
OUT
Regulated output voltage pin. A small 1 mF ceramic capacitor is needed from this pin to
ground to assure stability.
2
4
PG
Open Drain Power Good Output.
3
2
GND
Power supply ground. Connected to the die through the lead frame. Soldered to the
copper plane allows for effective heat dissipation.
4
3
EN
Enable pin. Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V puts
the regulator into shutdown mode.
5
N/C
Not connected. This pin can be tied to ground to improve thermal dissipation.
6
1
IN
Input pin. A small capacitor is needed from this pin to ground to assure stability.


Similar Part No. - NCV8752BMX28TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8752BMX28TCG ONSEMI-NCV8752BMX28TCG Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com