Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8770 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV8770
Description  Ultra Low Iq 350 mA LDO Regulator with Reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8770 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV8770 Datasheet HTML 5Page - ON Semiconductor NCV8770 Datasheet HTML 6Page - ON Semiconductor NCV8770 Datasheet HTML 7Page - ON Semiconductor NCV8770 Datasheet HTML 8Page - ON Semiconductor NCV8770 Datasheet HTML 9Page - ON Semiconductor NCV8770 Datasheet HTML 10Page - ON Semiconductor NCV8770 Datasheet HTML 11Page - ON Semiconductor NCV8770 Datasheet HTML 12Page - ON Semiconductor NCV8770 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
NCV8770
http://onsemi.com
11
Figure 22. Thermal Resistance vs. PCB Copper Area
40
50
60
70
80
90
100
0
100
200
300
400
500
600
700
COPPER HEAT SPREADER (mm2)
D2PAK 1 oz
D2PAK 2 oz
DPAK 1 oz
DPAK 2 oz
Hints
Vin and GND printed circuit board traces should be as
wide as possible. When the impedance of these traces is
high, there is a chance to pick up noise or cause the regulator
to malfunction. Place external components, especially the
output capacitor, as close as possible to the NCV8770 and
make traces as short as possible.
ORDERING INFORMATION
Device
Output Voltage
Reset Delay Time
(DT = GND/Vout)
Reset Threshold
Marking
Package
Shipping
NCV87706DT50RKG
5.0 V
16/128 ms
93%
770650G
DPAK−5
(Pb−Free)
2500 /
Tape & Reel
NCV87706DS50R4G
5.0 V
16/128 ms
93%
NC
V8770650
D2PAK−5
(Pb−Free)
800 /
Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCV8770

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
NCV87721D5S50R4G ONSEMI-NCV87721D5S50R4G Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
NCV87721D7S ONSEMI-NCV87721D7S Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
More results

Similar Description - NCV8770

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8774-PP ONSEMI-NCV8774-PP Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCV8774C ONSEMI-NCV8774C Datasheet
171Kb / 13P
   LDO Regulator - Ultra Low Iq 350 mA
May, 2020 ??Rev. 2
NCV8774DT33RKG ONSEMI-NCV8774DT33RKG Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCV87725D7S50R4G ONSEMI-NCV87725D7S50R4G Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
NCV8769 ONSEMI-NCV8769 Datasheet
239Kb / 14P
   Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV8675 ONSEMI-NCV8675 Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com