Electronic Components Datasheet Search |
|
NCV8770 Datasheet(PDF) 5 Page - ON Semiconductor |
|
NCV8770 Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 13 page NCV8770 http://onsemi.com 5 ELECTRICAL CHARACTERISTICS Vin = 13.2 V, Cin = 0.1 mF, Cout = 1 mF, for typical values TJ = 25°C, for min/max values TJ = −40°C to 150°C; unless otherwise noted. (Notes 9 and 10) Parameter Unit Max Typ Min Symbol Test Conditions RESET OUTPUT RO Output Voltage Reset Threshold (Note 13) (NCV8770y) where y = 1,2,3,... 5.0 V (NCV8770y) where y = A,B,C,... 5.0 V Vout decreasing, Vin > 5.5 V VRT 90 87 93 90 96 93 %Vout Reset Hysteresis VRH − 2.0 − %Vout Maximum Reset Sink Current Vout = 4.5 V, VRO = 0.25 V IROmax 1.75 − − mA Reset Output Low Voltage Vout > 1 V, IRO < 200 mA VROL − 0.15 0.25 V Reset Output High Voltage VROH 4.5 − − V Integrated Reset Pull−up Resistor RRO 15 30 50 kW Reset Delay Time (Note 13) Min Available Time, DT connected to GND Max Available Time, DT connected to Vout tRD 3.2 102.4 −20% 4.0 128 4.8 153.6 +20% ms Reset Reaction Time (see Figure 21) tRR 16 25 38 ms THERMAL SHUTDOWN Thermal Shutdown Temperature (Note 12) TSD 150 175 195 °C Thermal Shutdown Hysteresis (Note 12) TSH − 25 − °C 9. Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area. 10.Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TA [ TJ. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 11. Measured when output voltage falls 100 mV below the regulated voltage at Vin = 13.2 V. 12.Values based on design and/or characterization. 13.See APPLICATION INFORMATION section for Reset Thresholds and Reset Delay Time Options |
Similar Part No. - NCV8770 |
|
Similar Description - NCV8770 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |