Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8768 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV8768
Description  Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8768 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV8768 Datasheet HTML 4Page - ON Semiconductor NCV8768 Datasheet HTML 5Page - ON Semiconductor NCV8768 Datasheet HTML 6Page - ON Semiconductor NCV8768 Datasheet HTML 7Page - ON Semiconductor NCV8768 Datasheet HTML 8Page - ON Semiconductor NCV8768 Datasheet HTML 9Page - ON Semiconductor NCV8768 Datasheet HTML 10Page - ON Semiconductor NCV8768 Datasheet HTML 11Page - ON Semiconductor NCV8768 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
NCV8768
http://onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 4. Quiescent Current vs Temperature
Figure 5. Quiescent Current vs Input Voltage
Figure 6. Quiescent Current vs Output Current
Figure 7. Output Voltage vs Temperature
Figure 8. Output Voltage vs Input Voltage
Figure 9. Dropout Voltage vs Output Current
Vin = 13.2 V
Iout = 100 mA
TJ, JUNCTION TEMPERATURE (°C)
27
28
29
30
31
32
33
34
35
0
20
40
60
120
−40 −20
80
100
140 160
36
37
Vin, INPUT VOLTAGE (V)
0
50
100
150
200
0
5
10
15
30
20
25
35
40
Iout, OUTPUT CURRENT (mA)
30
31
32
33
34
35
36
37
150°C
25°C
−40°C
0
25
50
75
150
100
125
4.90
4.95
5.00
5.05
5.10
0
20
40
60
120
TJ, JUNCTION TEMPERATURE (°C)
−40 −20
80
100
140 160
0
1
2
3
4
5
6
01
2
Vin, INPUT VOLTAGE (V)
34
5
6
0
100
200
300
400
500
600
Iout, OUTPUT CURRENT (mA)
150°C
25°C
−40°C
0
25
50
75
150
100
125
Iout = 0 mA
TJ = 25°C
Vin = 13.2 V
38
28
29
Vin = 13.2 V
Iout = 100 mA
78
Iout = 1 mA
TJ = 25°C


Similar Part No. - NCV8768

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CD33ABR2G ONSEMI-NCV8768CD33ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CD50ABR2G ONSEMI-NCV8768CD50ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CPD50ABR2G ONSEMI-NCV8768CPD50ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
More results

Similar Description - NCV8768

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8668 ONSEMI-NCV8668 Datasheet
247Kb / 18P
   Very Low I 150 mA LDO Regulator with Window Watchdog, Enable and Reset
October, 2010 ??Rev. 2
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCV8769 ONSEMI-NCV8769 Datasheet
239Kb / 14P
   Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com