Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG529CK Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DG529CK
Description  8-Channel Latchable Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG529CK Datasheet(HTML) 3 Page - Maxim Integrated Products

  DG529CK Datasheet HTML 1Page - Maxim Integrated Products DG529CK Datasheet HTML 2Page - Maxim Integrated Products DG529CK Datasheet HTML 3Page - Maxim Integrated Products DG529CK Datasheet HTML 4Page - Maxim Integrated Products DG529CK Datasheet HTML 5Page - Maxim Integrated Products DG529CK Datasheet HTML 6Page - Maxim Integrated Products DG529CK Datasheet HTML 7Page - Maxim Integrated Products DG529CK Datasheet HTML 8Page - Maxim Integrated Products DG529CK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
8-Channel Latchable Multiplexers
_______________________________________________________________________________________
3
Note 2: Guaranteed by design.
Note 3: Sequence each switch on.
Note 4: ID(ON) is leakage from driver into on switch.
Note 5: Reset pulse period must be at least 50µs during or after power-on.
ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, VEN = 2.4V, WR = 0V, RS = 2.4V, TA = TMIN to TMAX, unless otherwise noted.)
Figure 7
(Stabilization Time) Figure 7
(Hold Time) Figure 7
Figure 7; VS = 5V (Note 5)
300
15
180
12
30
10
500
150
WR Pulse Width
tWW
300
150
ns
AX, EN Data
Valid to WR
tDW
180
120
ns
AX, EN Data
Valid after WR
tWD
30
10
ns
RS Pulse Width
tRS
500
150
ns
TA = +25°C
TA = +25°C
f = 1MHz
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
VEN = 0V, RL = 1kΩ,
CL = 15pF,
VS = 7VRMS, f = 500kHz
Figure 6
Figures 3, 5
Figures 3, 4
VEN = 0V, f = 140kHz,
VS = 0V
DG528
Figure 1
Figure 2
DG52_C/D/E
MIN
TYP
MAX
68
4
1.5
1.5
2.5
5
1.5
0.2
25
12
0.003
2.5
-1.5
0.01
PARAMETER
SYMBOL
DG52_A
MIN
TYP
MAX
UNITS
Off Isolation
OIRR
68
dB
Charge Injection
Q
4
pC
Enable, Reset Turn-Off
Time
tOFF(EN, RS)
0.4
1
µs
Enable, Write Turn-On
Time
tON(EN, WR)
1.0
1.5
µs
Logic-Input
Capacitance
CIN
2.5
pF
Source-Off
Capacitance
CS(OFF)
5
pF
Switching Time of
Multiplexer
tTRANS
0.4
1
µs
Break-Before-Make
Interval
tOPEN
0.2
µs
25
Drain-Off Capacitance
CD(OFF)
12
pF
Positive Supply
Current
I+
0.003
2.5
mA
Negative Supply
Current
I-
-1.5
0.01
mA
CONDITIONS
VEN = 0V,
f = 140kHz,
VS = 0V
VEN = VAH = 0V
VEN = VAH = 0V
DG529
DYNAMIC
SUPPLY
MINIMUM INPUT TIMING


Similar Part No. - DG529CK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG529CK INTERSIL-DG529CK Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
More results

Similar Description - DG529CK

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
logo
Intersil Corporation
DG526 INTERSIL-DG526 Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
logo
Maxim Integrated Produc...
MAX382 MAXIM-MAX382 Datasheet
106Kb / 12P
   Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
19-0396; Rev. 0; 5/95
logo
Analog Devices
ADG428 AD-ADG428_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG429 AD-ADG429_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com