Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG442AK Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DG442AK
Description  Improved, Quad, SPST Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG442AK Datasheet(HTML) 8 Page - Maxim Integrated Products

  DG442AK Datasheet HTML 1Page - Maxim Integrated Products DG442AK Datasheet HTML 2Page - Maxim Integrated Products DG442AK Datasheet HTML 3Page - Maxim Integrated Products DG442AK Datasheet HTML 4Page - Maxim Integrated Products DG442AK Datasheet HTML 5Page - Maxim Integrated Products DG442AK Datasheet HTML 6Page - Maxim Integrated Products DG442AK Datasheet HTML 7Page - Maxim Integrated Products DG442AK Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8
___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Improved, Quad, SPST Analog Switches
PART
TEMP. RANGE
PIN-PACKAGE
DG442CJ
0°C to +70°C
16 Plastic DIP
DG442CY
0°C to +70°C
16 Narrow SO
DG442C/D
0°C to +70°C
Dice*
DG442DJ
-40°C to +85°C
16 Plastic DIP
DG442DY
-40°C to +85°C
16 Narrow SO
DG442DK
-40°C to +85°C
16 CERDIP
DG442AK
-55°C to +125°C
16 CERDIP**
CAPACITANCE
METER
D
S
GND
10nF
+15V
IN
0.8V or 2.4V
V-
-15V
10nF
+V
f = 1MHz
___________________Chip Topography
__________________Timing Diagrams/
Test Circuits (continued)
D3
D4
0.091"
(2.31mm)
0.071"
(1.80mm)
V-
GND
S4
IN3
IN4
S3
N.C.
S2
V+
D1
IN1
IN2
D2
S1
Figure 6. Source/Drain-On/Off Capacitance
TRANSISTOR COUNT: 126
SUBSTRATE CONNECTED TO V+
_Ordering Information (continued)
*
Contact factory for dice specifications.
**
Contact factory for availability and processing to MIL-STD-883B.


Similar Part No. - DG442AK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG442AK MAXIM-DG442AK Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
logo
Intersil Corporation
DG442AK/883 INTERSIL-DG442AK/883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
More results

Similar Description - DG442AK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG444CJ MAXIM-DG444CJ Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B_11 Datasheet
245Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com