Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG418AK Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DG418AK
Description  Improved, SPST/SPDT Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG418AK Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DG418AK Datasheet HTML 4Page - Maxim Integrated Products DG418AK Datasheet HTML 5Page - Maxim Integrated Products DG418AK Datasheet HTML 6Page - Maxim Integrated Products DG418AK Datasheet HTML 7Page - Maxim Integrated Products DG418AK Datasheet HTML 8Page - Maxim Integrated Products DG418AK Datasheet HTML 9Page - Maxim Integrated Products DG418AK Datasheet HTML 10Page - Maxim Integrated Products DG418AK Datasheet HTML 11Page - Maxim Integrated Products DG418AK Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Improved, SPST/SPDT Analog Switches
_______________________________________________________________________________________
9
IN
0V or
2.4V
SIGNAL
GENERATOR 0dBm
+15V
10nF
VL
NETWORK
ANALYZER
S1 or S2
RL
GND
D
10nF
-15V
V-
V+
+5V
DG417
DG418
DG419
SIGNAL
GENERATOR 0dBm
+15V
V+
S2
RL
GND
D
V-
-15V
0V or 2.4V
IN
S1
50
VL
D
DG419
+5V
NETWORK
ANALYZER
10nF
10nF
CAPACITANCE
METER
S
D
GND
V-
-15V
IN
0V or
2.4V
+15V
VL
+5V
f = 1MHz
V+
DG417
DG418
DG419
10nF
10nF
S
D
GND
V-
-15V
IN
0V or
2.4V
+15V
VL
+5V
V+
DG417
DG418
DG419
CAPACITANCE
METER
f = 1MHz
10nF
10nF
Figure 6. Off-Isolation Rejection Ratio
Figure 7. DG419 Crosstalk
Figure 8. Drain-Source Off-Capacitance
Figure 9. Drain-Source On-Capacitance
______________________________________Test Circuits/Timing Diagrams (continued)


Similar Part No. - DG418AK

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG418 VISHAY-DG418 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG418 VISHAY-DG418 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
DG418B VISHAY-DG418B Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG418B VISHAY-DG418B Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results

Similar Description - DG418AK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG41789 MAXIM-DG41789 Datasheet
37Kb / 5P
   IMPROVED, SPST/SPDT ANALOG SWITCHES
19-0179 Rev. C
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG444CJ MAXIM-DG444CJ Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
DG41789S MAXIM-DG41789S Datasheet
31Kb / 5P
   SPST/SPDT ANALOG SWITCHES
19-0501 Rev. A
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com