Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG418DK Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DG418DK
Description  Improved, SPST/SPDT Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG418DK Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DG418DK Datasheet HTML 3Page - Maxim Integrated Products DG418DK Datasheet HTML 4Page - Maxim Integrated Products DG418DK Datasheet HTML 5Page - Maxim Integrated Products DG418DK Datasheet HTML 6Page - Maxim Integrated Products DG418DK Datasheet HTML 7Page - Maxim Integrated Products DG418DK Datasheet HTML 8Page - Maxim Integrated Products DG418DK Datasheet HTML 9Page - Maxim Integrated Products DG418DK Datasheet HTML 10Page - Maxim Integrated Products DG418DK Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Improved, SPST/SPDT Analog Switches
_______________________________________________________________________________________
7
_____________________________________________________Test Circuits/Timing Diagrams
tR < 20ns
tF < 20ns
50%
0V
LOGIC
INPUT
V-
-15V
RL
300
S
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VD
(
RL
)
RL + RDS(ON)
SWITCH
INPUT
IN
+3V
tOFF
0V
D
SWITCH
OUTPUT
0.9 x VOUT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
VL
V+
CL
35pF
+5V
+15V
VOUT
DG417
DG418
tR < 20ns
tF < 20ns
50%
0V
LOGIC
INPUT
V-
-15V
RL
1000
D
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
LOGIC
INPUT
S1
IN
tTRANS
+3V
tTRANS
VOUT1
V+
S2
VOUT
0.8 x VOUT1
VOUT2
0.8 x VOUT2
SWITCH
OUTPUT
VL
DG419
+15V
+5V
CL
35pF
Figure 2. DG417/DG418 Switching Time
Figure 3. DG419 Transition Time


Similar Part No. - DG418DK

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG418DJ TEMIC-DG418DJ Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG418DJ VISHAY-DG418DJ Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG418DJ VISHAY-DG418DJ Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
DG418DJ-E3 VISHAY-DG418DJ-E3 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG418DJ-E3 VISHAY-DG418DJ-E3 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
More results

Similar Description - DG418DK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG41789 MAXIM-DG41789 Datasheet
37Kb / 5P
   IMPROVED, SPST/SPDT ANALOG SWITCHES
19-0179 Rev. C
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG444CJ MAXIM-DG444CJ Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
DG41789S MAXIM-DG41789S Datasheet
31Kb / 5P
   SPST/SPDT ANALOG SWITCHES
19-0501 Rev. A
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com