Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV85082BPD33R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV85082BPD33R2G
Description  5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV85082BPD33R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV85082BPD33R2G Datasheet HTML 3Page - ON Semiconductor NCV85082BPD33R2G Datasheet HTML 4Page - ON Semiconductor NCV85082BPD33R2G Datasheet HTML 5Page - ON Semiconductor NCV85082BPD33R2G Datasheet HTML 6Page - ON Semiconductor NCV85082BPD33R2G Datasheet HTML 7Page - ON Semiconductor NCV85082BPD33R2G Datasheet HTML 8Page - ON Semiconductor NCV85082BPD33R2G Datasheet HTML 9Page - ON Semiconductor NCV85082BPD33R2G Datasheet HTML 10Page - ON Semiconductor NCV85082BPD33R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
NCV8508B
http://onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 6. Quiescent Current vs Output Current
0
80
Output Current (mA)
50
100
150
200
250
110
100
90
−40°C
+25°C
+125°C
0
0
Switching Current (mA)
50
100
150
200
250
−700
−400
−300
−200
−100
100 mF
Figure 7. Load Transient Response
−40
2
TJ, Temperature (°C)
−20
0
140
10
9
8
7
6
5
4
3
20
40
60
80 100 120
Figure 8. Reset Delay Time vs Junction
Temperature
Figure 9. Reset Delay Time vs Reset Delay
Resistor
15
0
RDELAY (kW)
60
240
40
35
25
20
15
10
5
105
150
195
−40
0
TJ, Temperature (°C)
20
40
60
80 100 120 140
90
80
60
50
40
30
20
10
−20
0
Figure 10. Wakeup Period vs Junction
Temperature
Figure 11. Wakeup Period vs Reset Delay
Resistor
15
0
RDELAY (kW)
60
240
350
300
250
200
150
100
50
105
150
195
−500
−600
10 mF
1.0 mF
NCV85081B
NCV85081B
NCV85081B
NCV85081B
trise/fall = 1.0 ms (Switching Current)
160
NCV85082B
30
NCV85082B
70
160
NCV85082B
NCV85082B


Similar Part No. - NCV85082BPD33R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8508 ONSEMI-NCV8508 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV8508 ONSEMI-NCV8508 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV8508D2T50 ONSEMI-NCV8508D2T50 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV8508D2T50G ONSEMI-NCV8508D2T50G Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
More results

Similar Description - NCV85082BPD33R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
logo
Rohm
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
logo
ON Semiconductor
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
logo
Rohm
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com